Electronic Components Datasheet Search
  English  ▼

X  

FM25V01 Datasheet(PDF) 11 Page - Ramtron International Corporation

Part # FM25V01
Description  128Kb Serial 3V F-RAM Memory
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAMTRON [Ramtron International Corporation]
Direct Link  http://www.ramtron.com
Logo RAMTRON - Ramtron International Corporation

FM25V01 Datasheet(HTML) 11 Page - Ramtron International Corporation

Back Button FM25V01 Datasheet HTML 7Page - Ramtron International Corporation FM25V01 Datasheet HTML 8Page - Ramtron International Corporation FM25V01 Datasheet HTML 9Page - Ramtron International Corporation FM25V01 Datasheet HTML 10Page - Ramtron International Corporation FM25V01 Datasheet HTML 11Page - Ramtron International Corporation FM25V01 Datasheet HTML 12Page - Ramtron International Corporation FM25V01 Datasheet HTML 13Page - Ramtron International Corporation FM25V01 Datasheet HTML 14Page - Ramtron International Corporation FM25V01 Datasheet HTML 15Page - Ramtron International Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
FM25V01 - 128Kb SPI FRAM
Rev. 1.1
Sept. 2011
Page 11 of 15
Electrical Specifications
Absolute Maximum Ratings
Symbol
Description
Ratings
VDD
Power Supply Voltage with respect to VSS
-1.0V to +4.5V
VIN
Voltage on any pin with respect to VSS
-1.0V to +4.5V
and VIN < VDD+1.0V
TSTG
Storage Temperature
-55C to + 125C
TLEAD
Lead Temperature (Soldering, 10 seconds)
260 C
VESD
Electrostatic Discharge Voltage
- Human Body Model (AEC-Q100-002 Rev. E)
- Charged Device Model (AEC-Q100-011 Rev. B)
- Machine Model (AEC-Q100-003 Rev. E)
TBD
1.25kV
200V
Package Moisture Sensitivity Level
MSL-1
Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a stress rating
only, and the functional operation of the device at these or any other conditions above those listed in the operational section of this
specification is not implied. Exposure to absolute maximum ratings conditions for extended periods may affect device reliability.
DC Operating Conditions (TA = -40C to + 85C, VDD = 2.0V to 3.6V unless otherwise specified)
Symbol
Parameter
Min
Typ
Max
Units
Notes
VDD
Power Supply Voltage
2.0
3.3
3.6
V
IDD
Power Supply Operating Current
@
C = 1 MHz
@
C = 40 MHz
0.12
1.3
0.22
2.5
mA
mA
1
ISB
Standby Current
90
150
A
2
IZZ
Sleep Mode Current
5
8
A
3
ILI
Input Leakage Current
-
1
A
4
ILO
Output Leakage Current
-
1
A
4
VIH
Input High Voltage
0.7 VDD
VDD + 0.3
V
VIL
Input Low Voltage
-0.3
0.3 VDD
V
VOH1
Output High Voltage (IOH = -1 mA, VDD=2.7V)
2.4
-
V
VOH2
Output High Voltage (IOH = -100 A)
VDD-0.2
-
V
VOL1
Output Low Voltage (IOL = 2 mA, VDD=2.7V)
-
0.4
V
VOL2
Output Low Voltage (IOL = 150 A)
-
0.2
V
RIN
Input Resistance (/HOLD pin)
For VIN = VIH (min)
For VIN = VIL (max)
40
1
K
M
5
Notes
1.
C toggling between VDD-0.2V and VSS, other inputs VSS or VDD-0.2V.
2.
/S=VDD. All inputs VSS or VDD.
3.
In Sleep mode and /S=VDD. All inputs VSS or VDD.
4.
VSS  VIN  VDD and VSS  VOUT  VDD.
5.
The input pull-up circuit is stronger (> 40K) when the input voltage is above VIH and weak (> 1M) when the input
voltage is below VIL.
Data Retention (TA = -40C to + 85C)
Parameter
Min
Max
Units
Notes
Data Retention
10
-
Years



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com