Electronic Components Datasheet Search
  English  ▼

X  

BAT43 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # BAT43
Description  Small Signal Schottky Diodes
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BAT43 Datasheet(HTML) 1 Page - Vishay Siliconix

  BAT43 Datasheet HTML 1Page - Vishay Siliconix BAT43 Datasheet HTML 2Page - Vishay Siliconix BAT43 Datasheet HTML 3Page - Vishay Siliconix BAT43 Datasheet HTML 4Page - Vishay Siliconix BAT43 Datasheet HTML 5Page - Vishay Siliconix BAT43 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
BAT42, BAT43
Document Number 85660
Rev. 1.6, 05-Aug-10
Vishay Semiconductors
www.vishay.com
1
94 9367
For technical questions within your region, please contact one of the following:
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
Small Signal Schottky Diodes
Features
• For general purpose applications
• These diodes feature very low turn-on
voltage and fast guard ring against
excessive voltage, such as electrostatic
discharges
• These diodes are also available in the
SOD-123 case with the type designations
BAT42W-V to BAT43W-V and in MiniMELF
SOD-80 case with the type designations LL42 to
LL43.
• AEC-Q101 qualified
• Compliant to RoHS directive 2002/95/EC and in
accordance to WEEE 2002/96/EC
• Halogen-free
according
to
IEC
61249-2-21
definition
Mechanical Data
Case: DO-35
Weight: approx. 125 mg
Cathode Band Color: black
Packaging Codes/Options:
TR/10 k per 13" reel (52 mm tape), 50 k/box
TAP/10 k per Ammo tape (52 mm tape), 50 k/box
Parts Table
/
Absolute Maximum Ratings
Tamb = 25 °C, unless otherwise specified
1) Valid provided that leads at a distance of 4 mm from case are kept at ambient temperature
Part
Ordering code
Type Marking
Remarks
BAT42
BAT42-TR or BAT42-TAP
BAT42
Tape and Reel/Ammopack
BAT43
BAT43-TR or BAT43-TAP
BAT43
Tape and Reel/Ammopack
Parameter
Test condition
Symbol
Value
Unit
Repetitive peak reverse voltage
VRRM
30
V
Forward continuous current
IF
2001)
mA
Repetitive peak forward current
tp < 1 s, δ < 0.5
IFRM
5001)
mA
Surge forward current
tp < 10 ms
IFSM
41)
A
Power dissipation1)
Tamb = 65 °C
Ptot
2001)
mW


Similar Part No. - BAT43

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BAT43 STMICROELECTRONICS-BAT43 Datasheet
89Kb / 4P
SMALL SIGNAL SCHOTTKY DIODES
Aug-1999
logo
Diodes Incorporated
BAT43 DIODES-BAT43 Datasheet
50Kb / 1P
SCHOTTKY BARRIER SWITCHING DIODE
DS11001 Rev. G-2
logo
General Semiconductor
BAT43 GE-BAT43 Datasheet
42Kb / 2P
Schottky Diodes
logo
Galaxy Semi-Conductor H...
BAT43 BILIN-BAT43 Datasheet
165Kb / 2P
SMALL SIGNAL SCHOTTKY DIODES
logo
GOOD-ARK Electronics
BAT43 GOOD-ARK-BAT43 Datasheet
56Kb / 1P
Small-Signal Diode
More results

Similar Description - BAT43

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
BAT86 MCC-BAT86 Datasheet
159Kb / 1P
SMALL SIGNAL SCHOTTKY DIODES
SD103A MCC-SD103A Datasheet
121Kb / 3P
Small Signal Schottky Diodes
logo
Galaxy Semi-Conductor H...
LL5712 BILIN-LL5712 Datasheet
61Kb / 3P
SMALL SIGNAL SCHOTTKY DIODES
logo
Vishay Siliconix
BAT42W-V VISHAY-BAT42W-V_10 Datasheet
63Kb / 4P
Small Signal Schottky Diodes
05-Aug-10
SD101AW-V VISHAY-SD101AW-V_10 Datasheet
61Kb / 4P
Small Signal Schottky Diodes
05-Aug-10
BAS281 VISHAY-BAS281_12 Datasheet
175Kb / 4P
Small Signal Schottky Diodes
23-Jul-10
BAT81S VISHAY-BAT81S_12 Datasheet
106Kb / 4P
Small Signal Schottky Diodes
23-Jul-10
logo
Comchip Technology
CDBH3-00340-G COMCHIP-CDBH3-00340-G Datasheet
67Kb / 2P
Small Signal Schottky Diodes
CDBV3-54 COMCHIP-CDBV3-54_12 Datasheet
103Kb / 4P
Small Signal Schottky Diodes
logo
STMicroelectronics
TMMBAT48FILM STMICROELECTRONICS-TMMBAT48FILM Datasheet
67Kb / 5P
SMALL SIGNAL SCHOTTKY DIODES
Aug-1999
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com