Electronic Components Datasheet Search
  English  ▼

X  

BAT43 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # BAT43
Description  Small Signal Schottky Diodes
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BAT43 Datasheet(HTML) 2 Page - Vishay Siliconix

  BAT43 Datasheet HTML 1Page - Vishay Siliconix BAT43 Datasheet HTML 2Page - Vishay Siliconix BAT43 Datasheet HTML 3Page - Vishay Siliconix BAT43 Datasheet HTML 4Page - Vishay Siliconix BAT43 Datasheet HTML 5Page - Vishay Siliconix BAT43 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
www.vishay.com
2
Document Number 85660
Rev. 1.6, 05-Aug-10
BAT42, BAT43
Vishay Semiconductors
For technical questions within your region, please contact one of the following:
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
Thermal Characteristics
Tamb = 25 °C, unless otherwise specified
1) Valid provided that leads at a distance of 4 mm from case are kept at ambient temperature
Electrical Characteristics
Tamb = 25 °C, unless otherwise specified
1) Pulse test t
p < 300 µs, tp/T < 0.02
Typical Characteristics
Tamb = 25 °C, unless otherwise specified
Parameter
Test condition
Symbol
Value
Unit
Thermal resistance junction to ambient air
RthJA
3001)
K/W
Junction temperature
Tj
125
°C
Ambient operating temperature range
Tamb
- 65 to + 125
°C
Storage temperature range
Tstg
- 65 to +150
°C
Parameter
Test condition
Part
Symbol
Min
Typ.
Max
Unit
Reverse breakdown voltage
IR = 100 µA (pulsed)
V(BR)
30
V
Leakage current1)
VR = 25 V
IR
0.5
µA
VR = 25 V, Tj = 100 °C
IR
100
µA
Forward voltage1)
IF = 200 mA
VF
1000
mV
IF = 10 mA
BAT42
VF
400
mV
IF = 50 mA
BAT42
VF
650
mV
IF = 2 mA
BAT43
VF
260
330
mV
IF = 15 mA
BAT43
VF
450
mV
Diode capacitance
VR = 1 V, f = 1 MHz
CD
7pF
Reverse recovery time
IF = 10 mA, IR = 10 mA,
iR = 1 mA, RL = 100 Ω
trr
5ns
Rectification efficieny
RL = 15 kΩ, CL = 300 pF,
f = 45 MHz, VRF = 2 V
ηv
80
%
Figure 1. Admissible Power Dissipation vs. Ambient Temperature
200
18442
T
amb - Ambient Temperature (°C)
250
200
150
100
50
50
100
150
0
0
Figure 2. Typical Forward Characteristics
18443
1200
1000
800
600
400
200
0
1000
100
10
1
0.1
0.01
VF - Instantaneous Forward Voltage (mV)
25 °C
125 °C
- 40 °C



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com