Electronic Components Datasheet Search
  English  ▼

X  

BAT43 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # BAT43
Description  Small Signal Schottky Diodes
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BAT43 Datasheet(HTML) 3 Page - Vishay Siliconix

  BAT43 Datasheet HTML 1Page - Vishay Siliconix BAT43 Datasheet HTML 2Page - Vishay Siliconix BAT43 Datasheet HTML 3Page - Vishay Siliconix BAT43 Datasheet HTML 4Page - Vishay Siliconix BAT43 Datasheet HTML 5Page - Vishay Siliconix BAT43 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
BAT42, BAT43
Document Number 85660
Rev. 1.6, 05-Aug-10
Vishay Semiconductors
www.vishay.com
3
For technical questions within your region, please contact one of the following:
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
Package Dimensions in millimeters (inches): DO-35
Figure 3. Typical Reverse Characteristics
1000
100
10
1
0.1
0.01
18444
0
1020
3040
50
VR - Reverse Voltage (V)
125 °C
100 °C
75 °C
50 °C
25 °C
Figure 4. Typical Capacitance vs. Reverse Voltage
18445
14
12
10
8
6
4
2
0
010
20
30
VR - Reverse Voltage (V)
515
25
94 9366
26 (1.024) min.
3.9 (0.154) max.
26 (1.024) min.
Cathode identification
Rev. 6 - Date: 29. January 2007
Document no.: 6.560-5004.02-4



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com