| Electronic Components Datasheet Search |
|
HT16L23 Datasheet(PDF) 3 Page - Holtek Semiconductor Inc |
|
|
|||||||||||||||||||||||||||||
HT16L23 Datasheet(HTML) 3 Page - Holtek Semiconductor Inc |
|
3 / 43 page ![]() Rev. 1.00 3 November 16, 2011 HT16L23 Pin Assignment SEG37 SEG36 SEG35 SEG34 SEG33 SEG32 SEG31 SEG30 SEG29 SEG28 SEG27 SEG26 SEG25 SEG24 SEG23 SEG22 CSB SCL/CLK SDA/DIO RSTB VDD VLCD COM0 COM1 COM2 COM3 COM4/SEG0 COM5/SEG1 COM6/SEG2 COM7/SEG3 SEG4 SEG5 HT16L23 64 LQFP-A Pin Description Pin Name Type Description SDA/DIO I/O Serial data input/output pin ● Serial data (SDA) input/output for 2-wire I2C interface is an NMOS open drain structure. ● Serial data (DIO) input/output for 3-wire SPI interface is a CMOS input/output structure. SCL/CLK I Serial clock input pin ● Serial data (SCL) is clock input for 2-wire I2C interface. ● Serial data (CLK) is clock input for 3-wire SPI interface. CSB I Chip select pin This pin is available for 3-wire SPI interface and not used for I2C interface. IFS I Communication interface select pin This pin is used to select the communication interface. When this pin is connected to VDD, the device communicates with MCU or microprocessors via a 2-wire I2C interface. When this pin is connected to VSS, the device communicates with MCU or microprocessors suing a 3-wire SPI interface. COM0~COM3 O LCD common outputs. COM4/SEG0~COM7/SEG3 O LCD common/segment multiplexed driver outputs. SEG4~SEG43 O LCD segment outputs. SEG44/LED7~SEG51/LED0 O LCD segment/LED multiplexed driver outputs. RSTB I Reset input pin 1. This pin is used to initialize all the internal registers and the commands pin. 2. If use internal power on reset circuit only, the RSTB pin must be connected to VDD. VDD — Positive power supply. VSS — Negative power supply, ground. VLCD — LCD power supply pin |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |