Electronic Components Datasheet Search
  English  ▼

X  

DG451 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # DG451
Description  High Voltage 4-ohm Quad SPST CMOS Analog Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG451 Datasheet(HTML) 2 Page - Vishay Siliconix

  DG451 Datasheet HTML 1Page - Vishay Siliconix DG451 Datasheet HTML 2Page - Vishay Siliconix DG451 Datasheet HTML 3Page - Vishay Siliconix DG451 Datasheet HTML 4Page - Vishay Siliconix DG451 Datasheet HTML 5Page - Vishay Siliconix DG451 Datasheet HTML 6Page - Vishay Siliconix DG451 Datasheet HTML 7Page - Vishay Siliconix DG451 Datasheet HTML 8Page - Vishay Siliconix DG451 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
www.vishay.com
2
Document Number: 74470
S09-2550-Rev. E, 30-Nov-09
Vishay Siliconix
DG451, DG452, DG453
Notes:
a. - 40 °C to 85 °C datasheet limits apply.
Notes:
a. Signals on SX, DX, or INX exceeding V+ or V- will be clamped by internal diodes. Limit forward diode current to maximum current ratings.
b. All leads welded or soldered to PC board.
c. Derate 5.6 mW/°C above 70 °C.
d. Derate 8.0 mW/°C above 75 °C.
ORDERING INFORMATION
Temp. Range
Package
Part Number
DG451, DG452, DG453
- 40 °C to 125 °Ca
16 Pin TSSOP
DG451EQ-T1-E3
DG452EQ-T1-E3
DG453EQ-T1-E3
16 Pin Narrow SOIC
DG451EY-T1-E3
DG452EY-T1-E3
DG453EY-T1-E3
ABSOLUTE MAXIMUM RATINGS TA = 25 °C, unless otherwise noted
Parameter
Limit
Unit
V+ to V-
44
V
GND to V-
25
VL
(GND - 0.3) to (V+) + 0.3
Digital Inputsa, VS, VD
(V-) - 2 to (V+) + 2
or 30 mA, whichever occurs first
Continuous Current (D, S only)
100
mA
Peak Current, S or D (Pulsed 1 ms, 10 % Duty Cycle)
300
Storage Temperature
- 65 to 150
°C
Power Dissipation (Package)b
16 Pin TSSOPc
450
mW
16 Pin Narrow SOICd
600
Thermal Resistance (Package)b
16 Pin TSSOP
178
C/W
16 Pin Narrow SOIC
125
ESD (HBM)
2kV
SPECIFICATIONS FOR DUAL SUPPLIES
Parameter
Symbol
Test Conditions
Unless Specified
V+ = 15 V, V- = - 15 V
VL = 5 V, VIN = 2.4 V, 0.8 V
a
Temp.b
Typ.c
- 40 °C to 125 °C - 40 °C to 85 °C
Unit
Min.d
Max.d
Min.d
Max.d
Analog Switch
Analog Signal Rangee
VANALOG
Full
- 15
15
- 15
15
V
On-Resistance
RON
IS = - 10 mA, VD = - 10 V to + 10 V
Room
Full
3.8
5.3
8.3
5.3
7.3
Ω
On-Resistance Match
ΔR
ON
IS = - 10 mA, VD = ± 10 V
Room
Full
0.12
0.5
1
0.5
0.5
On-Resistance Flatness
RFLATNESS IS = - 10 mA, VD = - 5 V, 0 V, + 5 V
Room
Full
0.25
0.5
0.5
0.5
0.5
Switch Off
Leakage Current
IS(off)
VD = ± 10 V, VS = 10 V
Room
Full
± 0.1
- 0.5
- 20
0.5
20
- 0.5
- 2.5
0.5
2.5
nA
ID(off)
Room
Full
± 0.1
- 0.5
- 20
0.5
20
- 0.5
- 2.5
0.5
2.5
Channel On
Leakage Current
ID(on)
VS = VD = ± 10 V
Room
Full
± 0.1
- 0.4
- 40
0.4
40
- 1
- 5
1
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com