Electronic Components Datasheet Search
  English  ▼

X  

DG451 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # DG451
Description  High Voltage 4-ohm Quad SPST CMOS Analog Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG451 Datasheet(HTML) 3 Page - Vishay Siliconix

  DG451 Datasheet HTML 1Page - Vishay Siliconix DG451 Datasheet HTML 2Page - Vishay Siliconix DG451 Datasheet HTML 3Page - Vishay Siliconix DG451 Datasheet HTML 4Page - Vishay Siliconix DG451 Datasheet HTML 5Page - Vishay Siliconix DG451 Datasheet HTML 6Page - Vishay Siliconix DG451 Datasheet HTML 7Page - Vishay Siliconix DG451 Datasheet HTML 8Page - Vishay Siliconix DG451 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Document Number: 74470
S09-2550-Rev. E, 30-Nov-09
www.vishay.com
3
Vishay Siliconix
DG451, DG452, DG453
Digital Control
Input Current, VIN Low
IIL
VIN Under Test = 0.8 V
Full
0.005
- 0.5
0.5
- 0.5
0.5
µA
Input Current, VIN High
IIH
VIN Under Test = 2.4 V
Full
0.005
- 0.5
0.5
- 0.5
0.5
Input Capacitancee
CIN
f = 1 MHz
Room
7
pF
Dynamic Characteristics
Turn-On Time
tON
RL = 300 Ω, CL = 35 pF
VS = ± 10 V, See Figure 2
Room
Full
88
118
160
118
144
ns
Turn-Off Time
tOFF
Room
Full
69
97
120
97
112
Break-Before-Make
Time Delay
tD
DG453 only, VS = 10 V
RL = 300 Ω, CL = 35 pF
Room
18
Charge Injectione
Q
Vg = 0 V, Rg = 0 Ω, CL = 1 nF
Room
22
pC
Off Isolatione
OIRR
RL = 50 Ω, CL = 5 pF
f = 1 MHz
Room
- 60
dB
Channel-to-Channel
Crosstalke
XTALK
Room
- 85
Source Off Capacitancee
CS(off)
f = 1 MHz
Room
31
pF
Drain Off Capacitancee
CD(off)
Room
34
Channel On
Capacitancee
CD(on)
Room
103
Total Harmonic
Distortione
THD
Signal = 5 VRMS, 20 Hz to 20 kHz,
RL = 600 Ω
Room
0.04
%
Power Supplies
Power Supply Current
I+
V+ = 16.5 V, V- = - 16.5 V
VL = 5 V, VIN = 0 or 5 V
Room
Full
0.001
0.5
5
0.5
5
µA
Negative Supply Current
I-
Room
Full
- 0.001
- 0.5
- 5
- 0.5
- 5
Logic Supply Current
IL
Room
Full
0.001
0.5
5
0.5
5
Ground Current
IGND
Room
Full
- 0.001
- 0.5
- 5
- 0.5
- 5
SPECIFICATIONS FOR DUAL SUPPLIES
Parameter
Symbol
Test Conditions
Unless Specified
V+ = 15 V, V- = - 15 V
VL = 5 V, VIN = 2.4 V, 0.8 V
a
Temp.b
Typ.c
- 40 °C to 125 °C - 40 °C to 85 °C
Unit
Min.d
Max.d
Min.d
Max.d
SPECIFICATIONS FOR DUAL SUPPLIES
Parameter
Symbol
Test Conditions
Unless Specified
V+ = 5 V, V- = - 5 V
VL = 5 V, VIN = 2.4 V, 0.8 V
a
Temp.b
Typ.c
- 40 °C to 125 °C - 40 °C to 85 °C
Unit
Min.d
Max.d
Min.d
Max.d
Analog Switch
Analog Signal Rangee
VANALOG
Full
- 5
5
- 5
5
V
On-Resistance
RON
V+ = + 5 V, V- = - 5 V
IS = - 10 mA, VD = - 3.5 V to + 3.5 V
Room
Full
3.8
11
15
11
12
Ω
On-Resistance Match
ΔR
ON
V+ = + 5 V, V- = - 5 V,
IS = - 10 mA, VD = ± 3.5 V
Room
Full
0.13
0.5
1
0.5
0.5
Dynamic Characteristics
Turn-On Timee
tON
RL = 300 Ω, CL = 35 pF
VS = 3 V, See Figure 2
Room
Full
170
200
296
200
256
ns
Turn-Off Timee
tOFF
Room
Full
66
96
124
96
113
Break-Before-Makee
Time Delay
tD
DG451 only, VS = 3 V
RL = 300 Ω, CL = 35 pF
Room
Full
98
Charge Injectione
Q
Vg = 0 V, Rg = 0 Ω, CL = 1 nF
Full
8
pC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com