Electronic Components Datasheet Search
  English  ▼

X  

DG451 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # DG451
Description  High Voltage 4-ohm Quad SPST CMOS Analog Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG451 Datasheet(HTML) 4 Page - Vishay Siliconix

  DG451 Datasheet HTML 1Page - Vishay Siliconix DG451 Datasheet HTML 2Page - Vishay Siliconix DG451 Datasheet HTML 3Page - Vishay Siliconix DG451 Datasheet HTML 4Page - Vishay Siliconix DG451 Datasheet HTML 5Page - Vishay Siliconix DG451 Datasheet HTML 6Page - Vishay Siliconix DG451 Datasheet HTML 7Page - Vishay Siliconix DG451 Datasheet HTML 8Page - Vishay Siliconix DG451 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
www.vishay.com
4
Document Number: 74470
S09-2550-Rev. E, 30-Nov-09
Vishay Siliconix
DG451, DG452, DG453
Notes:
a. VIN = input voltage to perform proper function.
b. Room = 25 °C, Full = as determined by the operating temperature suffix.
c. Typical values are for DESIGN AID ONLY, not guaranteed nor subject to production testing.
d. The algebraic convention whereby the most negative value is a minimum and the most positive a maximum, is used in this data sheet.
e. Guaranteed by design, not subject to production test.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
Parameter
Symbol
Test Conditions
Unless Specified
V+ = 5 V, V- = - 5 V
VL = 5 V, VIN = 2.4 V, 0.8 V
a
Temp.b
Typ.c
- 40 °C to 125 °C - 40 °C to 85 °C
Unit
Min.d
Max.d
Min.d
Max.d
Power Supplies
Power Supply Current
I+
VL = 5 V, VIN = 0 or 5 V
Room
Full
0.001
- 0.5
- 5
- 0.5
- 5
µA
Negative Supply Current
I-
Room
Full
- 0.001
- 0.5
- 5
- 0.5
- 5
Logic Supply Current
IL
Room
Full
0.001
- 0.5
- 5
- 0.5
- 5
Ground Current
IGND
Room
Full
- 0.001
- 0.5
- 5
- 0.5
- 5
SPECIFICATIONS FOR DUAL SUPPLIES
SPECIFICATIONS FOR UNIPOLAR SUPPLIES
Parameter
Symbol
Test Conditions
Unless Specified
V+ = 12 V, V- = 0 V
VL = 5 V, VIN = 2.4 V, 0.8 V
a
Temp.b
Typ.c
- 40 °C to 125 °C - 40 °C to 85 °C
Unit
Min.d
Max.d
Min.d
Max.d
Analog Switch
Analog Signal Rangee
VANALOG
Full
12
12
V
On-Resistance
RON
IS = - 10 mA, VD = 0 V to + 10 V
Room
Full
5.5
8.1
12.4
8.1
10.4
Ω
On-Resistance Match
ΔR
ON
IS = - 10 mA, VD = + 10 V
Room
Full
0.14
0.5
1
0.5
0.5
On-Resistance Flatness
RFLATNESS
IS = - 10 mA,
VD = 0 V, + 5 V, + 10 V
Room
Full
0.94
1.5
1.7
1.5
1.5
Dynamic Characteristics
Turn-On Time
tON
RL = 300 Ω, CL = 35 pF
VS = 8 V, See Figure 2
Room
Full
132
162
238
162
210
ns
Turn-Off Time
tOFF
Room
Full
61
91
117
91
105
Break-Before-Make
Time Delay
tD
DG453 only, VS = 8 V
RL = 300 Ω, CL = 35 pF
Room
70
Charge Injectione
Q
Vg = 0 V, Rg = 0 Ω, CL = 1 nF
Room
1
pC
Power Supplies
Power Supply Current
I+
VL = 5 V, VIN = 0 or 5 V
Room
Full
0.001
0.5
5
0.5
5
µA
Negative Supply Current
I-
Room
Full
- 0.001
- 0.5
- 5
- 0.5
- 5
Logic Supply Current
IL
Room
Full
0.001
0.5
5
0.5
5
Ground Current
IGND
Room
Full
- 0.001
- 0.5
- 5
- 0.5
- 5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com