| Electronic Components Datasheet Search |
|
LC877C40C Datasheet(PDF) 3 Page - Sanyo Semicon Device |
|
|
|||||||||||||||||||||||||||||
LC877C40C Datasheet(HTML) 3 Page - Sanyo Semicon Device |
|
3 / 21 page ![]() LC877C64C/56C/48C/40C/32C/24C No.A0135-3/21 High-speed Clock Counter • Countable up to 20MHz clock (when using 10MHz main clock) • Real time output SIO • SIO 0: 8 bit synchronous serial interface 1) LSB first / MSB first is selectable 2) Internal 8 bit baud-rate generator (fastest clock period 4 / 3 tCYC) 3) Consecutive automatic data communication (1 to 256 bits) • SIO 1: 8 bit asynchronous / synchronous serial interface Mode 0: Synchronous 8 bit serial IO (2-wire or 3-wire, transmit clock 2 to 512 tCYC) Mode 1: Asynchronous serial IO (half duplex, 8 data bits, 1 stop bit, baud rate 8 to 2048 tCYC) Mode 2: Bus mode 1 (start bit, 8 data bits, transmit clock 2 to 512 tCYC) Mode 3: Bus mode 2 (start detection, 8 data bits, stop detection) AD Converter: 8 bits × 12 channels PWM: 2 Channels Multi-frequency 12-bit PWM Remote Control Receiver Circuit (connected to P73 / INT3 / T0IN terminal) • Noise rejection function (noise rejection filter’s time constant can be selected from 1 / 32 / 128 tCYC) Watchdog Timer • The watching time period is determined by an external RC. • Watchdog timer can produce interrupt or system reset Interrupts: 20 sources, 10 vectors 1) Three priority (low, high and highest) multiple interrupts are supported. During interrupt handling, an equal or lower priority interrupt request is postponed. 2) If interrupt requests to two or more vector addresses occur at once, the higher priority interrupt takes precedence. In the case of equal priority levels, the vector with the lowest address takes precedence. No. Vector Address Level Interrupt Source 1 00003H X or L INT0 2 0000BH X or L INT1 3 00013H H or L INT2/T0L 4 0001BH H or L INT3/Base timer0 /Base timer1 5 00023H H or L T0H 6 0002BH H or L T1L/T1H 7 00033H H or L SIO0 8 0003BH H or L SIO1 9 00043H H or L ADC/MIC/T6/T7 10 0004BH H or L Port 0/T4/T5/PWM2, PWM3 • Priority level: X > H > L • For equal priority levels, vector with lowest address takes precedence. Subroutine Stack Levels: 1024 levels max (LC877C64C/56C) 768 levels max (LC877C48C/40C/32C/24C) Stack is located in RAM. |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |