Electronic Components Datasheet Search
  English  ▼

X  

LC877C40C Datasheet(PDF) 5 Page - Sanyo Semicon Device

Part # LC877C40C
Description  8-bit 1-chip Microcontroller
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC877C40C Datasheet(HTML) 5 Page - Sanyo Semicon Device

  LC877C40C Datasheet HTML 1Page - Sanyo Semicon Device LC877C40C Datasheet HTML 2Page - Sanyo Semicon Device LC877C40C Datasheet HTML 3Page - Sanyo Semicon Device LC877C40C Datasheet HTML 4Page - Sanyo Semicon Device LC877C40C Datasheet HTML 5Page - Sanyo Semicon Device LC877C40C Datasheet HTML 6Page - Sanyo Semicon Device LC877C40C Datasheet HTML 7Page - Sanyo Semicon Device LC877C40C Datasheet HTML 8Page - Sanyo Semicon Device LC877C40C Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
LC877C64C/56C/48C/40C/32C/24C
No.A0135-5/21
Package Dimensions
Package Dimensions
unit : mm (typ)
unit : mm (typ)
3255
3290
Pin Assignment
SANYO : QFP80 (14
× 14)
“Lead-free Type”
SANYO : TQFP80J (12
× 12) “Lead-free Type”
Top view
VSS2
VDD2
S14/PB6
S13/PB5
S12/PB4
S11/PB3
S10/PB2
S9/PB1
S8/PB0
S7/PA7
S6/PA6
S5/PA5
S4/PA4
S3/PA3
S2/PA2
S1/PA1
S0/PA0
P73/INT3/T0IN
P72/INT2/T0IN
P71/INT1/T0HCP/AN9
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
22
21
COM0/PL0
COM1/PL1
COM2/PL2
COM3/PL3
PWM2
VSS3
VDD3
PWM3
P00
P01
P02
P03
P04
P05
P06
P07
P10/SO0
P11/SI0/SB0
P12/SCK0
P13/SO1
61
62
63
64
65
66
67
68
69
70
71
72
73
74
75
76
77
78
79
80
LC877C64C/
LC877C56C/
LC877C48C/
LC877C40C/
LC877C32C/
LC877C24C
120
21
40
41
60
80
61
(1.25)
0.2
0.5
0.125
12.0
14.0
SANYO : TQFP80J(12X12)
SANYO : QFP80(14X14)
14.0
17.2
0.15
0.25
0.65
(0.83)
1
20
21
40
41
60
80
61



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com