Electronic Components Datasheet Search
  English  ▼

X  

LC877C40C Datasheet(PDF) 4 Page - Sanyo Semicon Device

Part # LC877C40C
Description  8-bit 1-chip Microcontroller
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC877C40C Datasheet(HTML) 4 Page - Sanyo Semicon Device

  LC877C40C Datasheet HTML 1Page - Sanyo Semicon Device LC877C40C Datasheet HTML 2Page - Sanyo Semicon Device LC877C40C Datasheet HTML 3Page - Sanyo Semicon Device LC877C40C Datasheet HTML 4Page - Sanyo Semicon Device LC877C40C Datasheet HTML 5Page - Sanyo Semicon Device LC877C40C Datasheet HTML 6Page - Sanyo Semicon Device LC877C40C Datasheet HTML 7Page - Sanyo Semicon Device LC877C40C Datasheet HTML 8Page - Sanyo Semicon Device LC877C40C Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
LC877C64C/56C/48C/40C/32C/24C
No.A0135-4/21
High-speed Multiplication/Division Instructions
• 16 bits × 8 bits
(5 tCYC execution time)
• 24 bits × 16 bits
(12 tCYC execution time)
• 16 bits ÷ 8 bits
(8 tCYC execution time)
• 24 bits ÷ 16 bits
(12 tCYC execution time)
Oscillation Circuits
• On-chip RC oscillation for system clock use.
• CF oscillation for system clock use. (Rf built in, Rd external)
• Crystal oscillation low speed system clock use. (Rf built in, Rd external)
• On-chip frequency variable RC oscillation circuit for system clock use.
System Clock Divider
• Low power consumption operation is available
• Minimum instruction cycle time (300ns, 600ns, 1.2µs, 2.4µs, 4.8µs, 9.6µs, 19.2µs, 38.4µs, 76.8µs can be switched
by program (when using 10MHz main clock)
Standby Function
• HALT mode
HALT mode is used to reduce power consumption. During the HALT mode, program execution is stopped but
peripheral circuits keep operating (some parts of serial transfer operation stop).
1) Oscillation circuits are not stopped automatically.
2) Released by the system reset or interrupts.
• HOLD mode
HOLD mode is used to reduce power consumption. Program execution and peripheral circuits are stopped.
1) CF, RC, X’tal and multi-frequency RC oscillation circuits stop automatically.
2) Released by any of the following conditions.
(1) Low level input to the reset pin
(2) Specified level input to one of INT0, INT1, INT2
(3) Port 0 interrupt
• X’tal HOLD made
X’tal HOLD mode is used to reduce power consumption. Program execution is stopped.
All peripheral circuits except the base timer are stopped.
1) CF, RC and multi-frequency RC oscillation circuits stop automatically.
2) Crystal oscillator operation is kept in its state at HOLD mode inception.
3) Released by any of the following conditions
(1) Low level input to the reset pin
(2) Specified level input to one of INT0, INT1, INT2
(3) Port 0 interrupt
(4) Base-timer interrupt
Package Form
• QFP80 (14 × 14):
Lead-free type
• TQFP80J (12 × 12):
Lead-free type
Development Tools
• Evaluation chip:
LC87EV690
• Emulator:
EVA62S + ECB876600D + SUB877100 + POD80QFP(14
× 14) or POD80SQFP
ICE-B877300 + SUB877100 + POD80QFP(14
× 14) or POD80SQFP
• Flash ROM Version: LC87F7CC8A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com