Electronic Components Datasheet Search
  English  ▼

X  

LC74763 Datasheet(PDF) 13 Page - Sanyo Semicon Device

Part # LC74763
Description  On-Screen Display LSI
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC74763 Datasheet(HTML) 13 Page - Sanyo Semicon Device

Back Button LC74763 Datasheet HTML 9Page - Sanyo Semicon Device LC74763 Datasheet HTML 10Page - Sanyo Semicon Device LC74763 Datasheet HTML 11Page - Sanyo Semicon Device LC74763 Datasheet HTML 12Page - Sanyo Semicon Device LC74763 Datasheet HTML 13Page - Sanyo Semicon Device LC74763 Datasheet HTML 14Page - Sanyo Semicon Device LC74763 Datasheet HTML 15Page - Sanyo Semicon Device LC74763 Datasheet HTML 16Page - Sanyo Semicon Device LC74763 Datasheet HTML 17Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
Second byte
Register content
DA0 to DA7
Register name
State
Function
Note
7—
0
Second byte identification code
6
HALF
0
Normal mode
INT
1
Half internal synchronous mode
5
P14OUT
0
Halftone output
Selects P14 (3.58/4.43) output.
SEL
1
High output in internal synchronous mode
4
SECAM
0
In SECAM mode, only the character frame area is on.
Selects the CVCR “on” period.
SEL
1
In SECAM mode, the entire character display area is on.
3
IOS
0
Sets the mode setting pin to be an input pin.
Switches the input/output direction of
1
Sets the mode setting pin to be an output pin.
the mode setting pins.
2
BCOL1
0
Determines whether a background color
1
is displayed. (Only valid in internal
1
BCOL0
0
synchronization mode.)
1
0
CBOFF
0
Outputs a color burst signal.
Only valid when either BCOL0 is 1 or
1
Stops the output of color burst signals.
BCOL1 is 1.
Note: When the chip is reset by the RST pin, the register states (bits) are all cleared to 0.
⑧ COMMAND70: Display Control Setting Command 4
First byte
Register content
DA0 to DA7
Register name
State
Function
Note
7—
1
6—
1
The command 7 identification code:
5—
1
sets display control parameters.
4—
1
3—
0
Expansion command 0 identification code
2—
0
1—
0
0
LINS
0
Selects the lower 6 bits (bits 0 to 5)
Selects the upper or lower six bits when
1
Selects the upper 6 bits (bits 6 to B)
halftone output line mode is specified.
Second byte
Register content
DA0 to DA7
Register name
State
Function
Note
7—
0
Second byte identification code
6
VCO
0
VCO frequency is 14.12 MHz
Selects VCO oscillation frequency.
SELECT1
1
VCO frequency is 7.07 MHz
5
LIN5
0
Turns off (low) sixth line halftone output.
Used for the line 12 setting when LINS
1
Turns on (high) sixth line halftone output.
is high.
4
LIN4
0
Turns off (low) fifth line halftone output.
Used for the line 11 setting when LINS
1
Turns on (high) fifth line halftone output.
is high.
3
LIN3
0
Turns off (low) fourth line halftone output.
Used for the line 10 setting when LINS
1
Turns on (high) fourth line halftone output.
is high.
2
LIN2
0
Turns off (low) third line halftone output.
Used for the line 9 setting when LINS is
1
Turns on (high) third line halftone output.
high.
1
LIN1
0
Turns off (low) second line halftone output.
Used for the line 8 setting when LINS is
1
Turns on (high) second line halftone output.
high.
0
LIN0
0
Turns off (low) first line halftone output.
Used for the line 7 setting when LINS is
1Turns on (high) first line halftone output.
high.
Note: When the chip is reset by the RST pin, the register states (bits) are all cleared to 0.
LC74763, LC74763M
No. 5039-13/21
BCOL1
BCOL0
Background color
00
Background color displayed
01
No background color (about 13 IRE)
10
No background color (about 23 IRE)
11
CVoutmt2 (CSYNC)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com