Electronic Components Datasheet Search
  English  ▼

X  

LC74763 Datasheet(PDF) 14 Page - Sanyo Semicon Device

Part # LC74763
Description  On-Screen Display LSI
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC74763 Datasheet(HTML) 14 Page - Sanyo Semicon Device

Back Button LC74763 Datasheet HTML 10Page - Sanyo Semicon Device LC74763 Datasheet HTML 11Page - Sanyo Semicon Device LC74763 Datasheet HTML 12Page - Sanyo Semicon Device LC74763 Datasheet HTML 13Page - Sanyo Semicon Device LC74763 Datasheet HTML 14Page - Sanyo Semicon Device LC74763 Datasheet HTML 15Page - Sanyo Semicon Device LC74763 Datasheet HTML 16Page - Sanyo Semicon Device LC74763 Datasheet HTML 17Page - Sanyo Semicon Device LC74763 Datasheet HTML 18Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 21 page
background image
LC74763, LC74763M
➈ COMMAND71: Display Control Setting Command 5
First byte
Register content
DA0 to DA7
Register name
State
Function
Note
7—
1
6—
1
The command 7 identification code: sets display
5—
1
control parameters
4—
1
3—
0
Expansion command 1 identification code
2—
1
1—
0
0
LINS
0
Selects lower 6 bits (0 to 5).
Selects lower or upper 6 bits for half-
1
Selects upper 6 bits (6 to B).
tone output line setting.
Second byte
Register content
DA0 to DA7
Register name
State
Function
Note
7—
0
Second byte identification bit
6
EGMODE
0Normal display
2SELECT
1
Applies frame to inverted characters also.
5
PORTSET
0
Sets port output data
SELECT2
1
Sets port (output switching)
4
PORTSET
0
Sets port output data
SELECT1
1
Sets port (output switching)
3
VMN
0
Normal V signal
SEL
1
VMASK signal
2
VINPsel
0
Normal I/O
1V is input from P11.
1
VNPsel
0V rise detection
Selects V detection polarity.
1V fall detection
0
VSEPsel
0
VSEP is about 9.3 µs.
Selects V separation time.
1
VSEP is about 18.6 µs.
Note: When the chip is reset by the RST pin, the register states (bits) are all cleared to 0.
➉ COMMAND72: Display Control Setting Command 6
First byte
Register content
DA0 to DA7
Register name
State
Function
Note
7—
1
6—
1
The command 7 identification code: sets display
5—
1
control parameters
4—
1
3—
1
Expansion command 2 identification code
2—
0
1—
0
0
LINS
0
Selects lower 6 bits (0 to 5).
Selects lower or upper 6 bits for half-
1
Selects upper 6 bits (6 to B).
tone output line setting.
No. 5039-14/21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com