Electronic Components Datasheet Search
  English  ▼

X  

LC74763 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # LC74763
Description  On-Screen Display LSI
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC74763 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  LC74763 Datasheet HTML 1Page - Sanyo Semicon Device LC74763 Datasheet HTML 2Page - Sanyo Semicon Device LC74763 Datasheet HTML 3Page - Sanyo Semicon Device LC74763 Datasheet HTML 4Page - Sanyo Semicon Device LC74763 Datasheet HTML 5Page - Sanyo Semicon Device LC74763 Datasheet HTML 6Page - Sanyo Semicon Device LC74763 Datasheet HTML 7Page - Sanyo Semicon Device LC74763 Datasheet HTML 8Page - Sanyo Semicon Device LC74763 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
Specifications
Absolute Maximum Ratings at Ta = 25°C
Parameter
Symbol
Conditions
Ratings
Unit
Maximum supply voltage
VDD max
VDD1, VDD2 pins
VSS – 0.3 to VSS + 7.0
V
Maximum input voltage
VIN max
All input pins
VSS – 0.3 to VDD + 0.3
V
Maximum output voltage
VOUT max
HSYNCOUT, VSYNCOUT,
VSS – 0.3 to VDD + 0.3
V
SYNCDET pins
Allowable power dissipation
Pd max
300
mW
Operating temperature
Topr
–30 to +70
°C
Storage temperature
Tstg
–40 to +125
°C
Allowable Operating Ranges at Ta = –30 to +70°C
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Supply voltage
VDD1
VDD1 pin
4.5
5.0
5.5
V
VDD2
VDD2 pin
4.5
5.0
1.27 VDD1
V
Input high level voltage
VIH1
RST, CS, SIN, SCLK pins
0.8 VDD1
VDD1 + 0.3
V
VIH2
SECAM, 525/625,
0.7 VDD1
VDD1 + 0.3
V
NTSC/PAL, 3.58/4.43 pins
Input low level voltage
VIL1
RST, CS, SIN, SCLK
VSS – 0.3
0.2 VDD1
V
VIL2
SECAM, 525/625,
VSS – 0.3
0.3 VDD1
V
NTSC/PAL, 3.58/4.43 pins
Input voltage
VIN
FC, AMPIN pins
VSS – 0.3
VDD1 + 0.3
V
VIN1
CVIN pins
2 VPP
V
Composite video signal input voltage
VIN2
CVCR pins
2 VPP
V
VIN3
SYNCIN pins
2 VPP
2.5 VPP
V
Oscillator frequency
NTSC
14.318
MHz
FOSC1
XtalIN1, XtalOUT1, XtalIN2,
PAL
17.734
MHz
XtalOUT2 pins; 4fsc
PAL-M
14.302
MHz
PAL-N
14.328
MHz
Electrical Characteristics at Ta = –30 to +70°C, with VDD1 = VDD2 = 5 V unless otherwise specified
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Output off leakage current
Ileak1
CVOUT pin
10
µA
Input off leakage current
Ileak2
CVIN, CVCR pins
10
µA
Output high level voltage
VOH
HSYNCOUT, VSYNCOUT,
3.5
V
SYNCDET, SECAM, 525/625,
NTSC/PAL, 3.58/4.43, AMPOUT,
PDOUT pins; VDD1 = 4.5 V, IOH = –1.0 mA
Output low level voltage
VOL
HSYNCOUT, VSYNCOUT,
1.0
V
SYNCDET, SECAM, 525/625,
NTSC/PAL, 3.58/4.43, AMPOUT,
PDOUT pins; VDD1 = 4.5 V, IOL = 1.0 mA
Input current
IIH
RST, CS, SIN, SCLK, SECAM, 525/625,
1µA
NTSC/PAL, 3.58/4.43 pins; VIN = VDD1
IIL
SECAM, 525/625, NTSC/PAL,
–1
µA
3.58/4.43 pin; VIN = VSS1
Oscillator frequency
FOSC3
VCOIN, VCOOUT pins; FC = 1/2 VDD1
14.12
MHz
Operating current dissipation
IDD1
VDD1 pin; All outputs open, Xtal: 4fsc
15
mA
IDD2
VDD2 pin; VDD2 = 5.0 V
20
mA
Timing Characteristics at Ta = –30 to +70°C, VDD = 5 ±0.5 V
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Minimum input pulse width
tW(SCLK)
SCLK pin
200
ns
tW(CS)
CS pin (during periods when CS is high)
1
µs
Data setup time
tSU(CS)
CS pin
200
ns
tSU(SIN)
SIN pin
200
ns
Data hold time
th(CS)
CS pin
2
µs
th(SIN)
SIN pin
200
ns
One word write time
tword
Write time for 8 bits of data
4.2
µs
twt
RAM data write time
1
µs
LC74763, LC74763M
No. 5039-2/21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com