Electronic Components Datasheet Search
  English  ▼

X  

M41T63 Datasheet(PDF) 1 Page - STMicroelectronics

Part # M41T63
Description  Serial real-time clocks (RTCs) with alarm
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T63 Datasheet(HTML) 1 Page - STMicroelectronics

  M41T63 Datasheet HTML 1Page - STMicroelectronics M41T63 Datasheet HTML 2Page - STMicroelectronics M41T63 Datasheet HTML 3Page - STMicroelectronics M41T63 Datasheet HTML 4Page - STMicroelectronics M41T63 Datasheet HTML 5Page - STMicroelectronics M41T63 Datasheet HTML 6Page - STMicroelectronics M41T63 Datasheet HTML 7Page - STMicroelectronics M41T63 Datasheet HTML 8Page - STMicroelectronics M41T63 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 44 page
background image
December 2011
Doc ID 10397 Rev 19
1/44
1
M41T62, M41T63
M41T64, M41T65
Serial real-time clocks (RTCs) with alarm
Features
■ Serial real-time clock (RTC) with alarm
functions
– 400 kHz I2C serial interface
– Memory mapped registers for seconds,
minutes, hours, day, date, month, year, and
century
– Tenths/hundredths of seconds register
■ 350 nA timekeeping current at 3 V
■ Timekeeping down to 1.0 V
■ 1.3 V to 4.4 V I2C bus operating voltage
– 4.4 V max VCC suitable for lithium-ion
battery operation
■ Low operating current of 35 µA (at 400 kHz)
■ 32 KHz square wave output is on at power-up.
Suitable for driving a microcontroller in low-
power mode. Can be disabled.
(M41T62/63/64)
■ Programmable 1 Hz to 32 KHz square wave
output (M41T62/63/64)
■ Programmable alarm with interrupt function
(M41T62/65)
■ 32 KHz crystal oscillator integrates crystal load
capacitors, works with high series resistance
crystals
■ Oscillator stop detection monitors clock
operation
■ Accurate programmable watchdog
– 62.5 ms to 31 min timeout
■ Software clock calibration. Can adjust
timekeeping to within
±2 parts per million (±5
seconds per month)
■ Automatic leap year compensation
■ –40 to +85 °C operation
■ Two package options:
– Very small 3 mm x 3 mm, lead-free &
halogen-free (ECOPACK2®) 16-lead QFN
– Ultra-small 1.5 mm x 3.2 mm, lead-free &
halogen-free (ECOPACK2®) 8-pin ceramic
leadless chip carrier with embedded
32 KHz crystal - no external oscillator
components required (M41T62)
3mm
3mm
3.2 mm
1.5 mm
QFN16
3 mm x 3 mm
Embedded crystal LCC8
1.5 mm x 3.2 mm
No external components required
Table 1.
Device summary
Basic
RTC
Alarms
OSC fail
detect
Watchdog
timer
Calibration
SQW
output
IRQ
output
WDO
output
F32K
output
M41T62
✔✔
✔
✔
✔
✔
✔
M41T63(1)
✔✔
✔
✔
✔
✔
✔
M41T64
✔✔
✔
✔
✔
✔
✔
M41T65
✔✔
✔
✔
✔
✔
✔
1.
Contact local ST sales office for availability.
www.st.com


Similar Part No. - M41T63

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M41T63 STMICROELECTRONICS-M41T63 Datasheet
670Kb / 33P
Serial Access Real-Time Clock with Alarms
13-Nov-2003
M41T63 STMICROELECTRONICS-M41T63 Datasheet
314Kb / 40P
Serial Access Real-Time Clock with Alarms
22-Aug-2006
M41T63 STMICROELECTRONICS-M41T63 Datasheet
695Kb / 41P
Serial real-time clocks with alarm
25-May-2010
M41T63Q6F STMICROELECTRONICS-M41T63Q6F Datasheet
314Kb / 40P
Serial Access Real-Time Clock with Alarms
22-Aug-2006
M41T63Q6F STMICROELECTRONICS-M41T63Q6F Datasheet
695Kb / 41P
Serial real-time clocks with alarm
25-May-2010
More results

Similar Description - M41T63

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
AN632 MAXIM-AN632 Datasheet
355Kb / 8P
Evaluating the Accuracy of Maxim Real-Time Clocks (RTCs)
Aug 01, 2001
logo
Dallas Semiconductor
DS1305 DALLAS-DS1305_05 Datasheet
487Kb / 21P
Serial Alarm Real-Time Clock
DS1306 DALLAS-DS1306_05 Datasheet
553Kb / 21P
Serial Alarm Real-Time Clock
logo
Maxim Integrated Produc...
DS1306 MAXIM-DS1306 Datasheet
324Kb / 22P
Serial Alarm Real-Time Clock
Rev 12/09
logo
STMicroelectronics
M41T62 STMICROELECTRONICS-M41T62_10 Datasheet
695Kb / 41P
Serial real-time clocks with alarm
25-May-2010
M41T80 STMICROELECTRONICS-M41T80_11 Datasheet
440Kb / 27P
Serial access real-time clock with alarm
03-Aug-2011
M41T62 STMICROELECTRONICS-M41T62_V01 Datasheet
706Kb / 42P
Low-power serial real-time clocks (RTCs) with alarm
05-Sep-2019
logo
Maxim Integrated Produc...
DS1305 MAXIM-DS1305_V01 Datasheet
363Kb / 22P
Serial Alarm Real-Time Clock
19-5055; Rev 4 / 15
DS1306 MAXIM-DS1306_V01 Datasheet
377Kb / 22P
Serial Alarm Real-Time Clock
19-5056; Rev 4 / 1 5
logo
Renesas Technology Corp
IDT5P90011C RENESAS-IDT5P90011C Datasheet
1,007Kb / 26P
Serial Alarm Real-Time Clock
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com