Electronic Components Datasheet Search
  English  ▼

X  

M41T63 Datasheet(PDF) 40 Page - STMicroelectronics

Part # M41T63
Description  Serial real-time clocks (RTCs) with alarm
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T63 Datasheet(HTML) 40 Page - STMicroelectronics

Back Button M41T63 Datasheet HTML 36Page - STMicroelectronics M41T63 Datasheet HTML 37Page - STMicroelectronics M41T63 Datasheet HTML 38Page - STMicroelectronics M41T63 Datasheet HTML 39Page - STMicroelectronics M41T63 Datasheet HTML 40Page - STMicroelectronics M41T63 Datasheet HTML 41Page - STMicroelectronics M41T63 Datasheet HTML 42Page - STMicroelectronics M41T63 Datasheet HTML 43Page - STMicroelectronics M41T63 Datasheet HTML 44Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 40 / 44 page
background image
Package mechanical information
M41T62/63/64/65
40/44
Doc ID 10397 Rev 19
Figure 31.
Carrier tape for QFN16 3 mm x 3 mm package
Figure 32.
Carrier tape for LCC8 1.5 mm x 3.2 mm package
Note:
Dimensions shown are in millimeters (mm).
T
K0
P1
A0
B0
P2
P0
CENTER LINES
OF CAVITY
W
E
F
D
TOP COVER
TAPE
USER DIRECTION OF FEED
AM03073v1
Table 21.
Carrier tape dimensions for QFN16 3 mm x 3 mm package
Package
W
D
E
P0
P2
FA0
B0
K0
P1
TUnit
Bulk
Qty
QFN16
12.00
±0.30
1.50
+0.10
/-0.00
1.75
±0.10
4.00
±0.10
2.00
±0.10
5.50
±0.05
3.30
±0.10
3.30
±0.10
1.10
±0.10
8.00
±0.10
0.30
±0.05
mm
3000
±0.1
±0.1
±0.02
±0.1
4
±0.1
2
0.3
1.75
4
User Direction of Feed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com