Electronic Components Datasheet Search
  English  ▼

X  

M41T63 Datasheet(PDF) 39 Page - STMicroelectronics

Part # M41T63
Description  Serial real-time clocks (RTCs) with alarm
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T63 Datasheet(HTML) 39 Page - STMicroelectronics

Back Button M41T63 Datasheet HTML 35Page - STMicroelectronics M41T63 Datasheet HTML 36Page - STMicroelectronics M41T63 Datasheet HTML 37Page - STMicroelectronics M41T63 Datasheet HTML 38Page - STMicroelectronics M41T63 Datasheet HTML 39Page - STMicroelectronics M41T63 Datasheet HTML 40Page - STMicroelectronics M41T63 Datasheet HTML 41Page - STMicroelectronics M41T63 Datasheet HTML 42Page - STMicroelectronics M41T63 Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 44 page
background image
M41T62/63/64/65
Package mechanical information
Doc ID 10397 Rev 19
39/44
Table 20.
LCC8 — 8-pin, 1.5 mm x 3.2 mm leadless chip carrier, mechanical data
Figure 30.
LCC8 — 8-pin, 1.5 mm x 3.2 mm leadless chip carrier, recommended
footprint
Note:
Dimensions shown are typical values, in millimeters (mm).
Symb
mm
inches
Typ
Min
Max
Typ
Min
Max
A0.80
0.031
b
0.30
0.40
0.50
0.012
0.016
0.020
D
1.40
1.50
1.60
0.055
0.059
0.063
D1
0.40
0.50
0.60
0.016
0.020
0.024
E
3.10
3.20
3.30
0.122
0.126
0.130
E1
2.20
2.30
2.40
0.087
0.091
0.094
e
0.90
0.035
L
0.32
0.42
0.52
0.013
0.017
0.020
N8
8
0.9
0.9
0.9
0.5
3.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com