Electronic Components Datasheet Search
  English  ▼

X  

MFU Datasheet(PDF) 6 Page - Vishay Siliconix

Part # MFU
Description  Thin Film Chip Fuses
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MFU Datasheet(HTML) 6 Page - Vishay Siliconix

Back Button MFU Datasheet HTML 2Page - Vishay Siliconix MFU Datasheet HTML 3Page - Vishay Siliconix MFU Datasheet HTML 4Page - Vishay Siliconix MFU Datasheet HTML 5Page - Vishay Siliconix MFU Datasheet HTML 6Page - Vishay Siliconix MFU Datasheet HTML 7Page - Vishay Siliconix MFU Datasheet HTML 8Page - Vishay Siliconix MFU Datasheet HTML 9Page - Vishay Siliconix MFU Datasheet HTML 10Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
www.vishay.com
For technical questions, contact: thinfilm.chipfuse@vishay.com
Document Number: 28747
6
Revision: 06-May-10
MFU Series
Vishay Beyschlag
Thin Film Chip Fuses
DESCRIPTION
Production is strictly controlled and follows an extensive
set
of
instructions
established
for
reproducibility.
A
homogeneous film of metal alloy is deposited on a high
grade ceramic body. The fuse elements are covered by a
protective coating designed for electrical, mechanical and
climatic protection. The terminations receive a final pure tin
on nickel plating.
The result of the determined production is verified by an
extensive testing procedure performed on 100 % of the
individual fuses. Only accepted products are laid directly
into the paper tape in accordance with IEC 60286-3.
APPROVALS
The fuses are tested in accordance with IEC 60127-4 and
UL 248-14 which refers to UL 248-1, IEC 60127-1 and
IEC 60068 series. Approval of conformity is indicated by the
UMF logo on the package label. Recognition by Underwriter
Laboratories Inc. is indicated by the UL logo on the package
label.
ASSEMBLY
The fuses are suitable for processing on automatic SMD
assembly
systems.
They
are
suitable
for
automatic
soldering using wave, reflow or vapour phase. The
encapsulation is resistant to all cleaning solvents commonly
used in the electronics industry, including alcohols, esters
and aqueous solutions. The fuses are RoHS compliant, the
pure tin plating provides compatibility with lead (Pb)-free
and lead-containing soldering processes. The immunity of
the plating against tin whisker growth has been proven
under extensive testing. Solderability is specified for 2 years
after production or re-qualification. The permitted storage
time is 20 years.
All products comply with the CEFIC-EECA-EICTA list of legal
restrictions on hazardous substances.
This includes full compliance with the following directives:
• 2000/53/EC End of Vehicle life Directive (ELV) and
Annex II (ELV II)
• 2002/95/EC Restriction of the use of Hazardous
Substances Directive (RoHS)
• 2002/96/EC Waste Electrical and Electronic Equipment
Directive (WEEE)
FUNCTIONAL PERFORMANCE
Note
(1) Current rating factor is in addition to the given permissible continuous current rating of 0.7
Lead (Pb)-free Identification
on the Package Label
e3
Current Rating Factor (1) vs. Ambient Temperature
ϑamb
- 60
150
0
Ambient Temperature amb [°C]
50
60
70
80
90
100
110
120
MFU Series
75
90
105
120
135
ϑ
40
30
20
10
- 45
- 30
- 15
0
15
30
45
60



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com