Electronic Components Datasheet Search
  English  ▼

X  

MFU Datasheet(PDF) 12 Page - Vishay Siliconix

Part # MFU
Description  Thin Film Chip Fuses
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MFU Datasheet(HTML) 12 Page - Vishay Siliconix

Back Button MFU Datasheet HTML 5Page - Vishay Siliconix MFU Datasheet HTML 6Page - Vishay Siliconix MFU Datasheet HTML 7Page - Vishay Siliconix MFU Datasheet HTML 8Page - Vishay Siliconix MFU Datasheet HTML 9Page - Vishay Siliconix MFU Datasheet HTML 10Page - Vishay Siliconix MFU Datasheet HTML 11Page - Vishay Siliconix MFU Datasheet HTML 12Page - Vishay Siliconix MFU Datasheet HTML 13Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
www.vishay.com
For technical questions, contact: thinfilm.chipfuse@vishay.com
Document Number: 28747
12
Revision: 06-May-10
MFU Series
Vishay Beyschlag
Thin Film Chip Fuses
9.4
-
Endurance test
acc. to
IEC 60127-1
a)
I = 1.0 x IR (DC)
1.0 h on; 0.25 h off;
23 °C; 100 times
b)
I = 1.25 x IR (DC)
1.0 h on
23 °C; 1 time
MFU 0402
IR
≤ 3.15 A
No visible damage
ΔR/R ≤ ± 10 %
MFU 0603
IR
≤ 3.15 A
MFU 0805
IR
≤ 3.15 A
MFU 1206
IR
≤ 3.15 A
9.5
-
Maximum
sustained
dissipation acc. to
IEC 60127-1
Calculation in accordance with results of clause 9.4 b)
Dissipation
≤ acc. to
IEC 60127-4 table 2
9.7
-
Fuse-link
temperature
The test is performed
during the final 5 min of
clause 9.4 b)
MFU 0402
IR
≤ 3.15 A
Temperature rise of terminals
≤ 85 K
MFU 0603
IR
≤ 3.15 A
MFU 0805
IR
≤ 3.15 A
MFU 1206
IR
≤ 3.15 A
--
Verification of
temp.-rise and
current- carrying
capacity acc. to
UL 248-14
clause 8.2.3
I = 1.0 x IR (DC)
MFU 0402
IR
≤ 3.15 A
Temperature rise
of hot spot
≤ 75 K
acc. to
UL 248-14 clause 8.2.4
MFU 0603
IR
≤ 5.0 A
MFU 0805
IR
≤ 5.0 A
MFU 1206
IR
≤ 6.3 A
-
78 (Cab)
Damp heat,
steady state
(40 ± 2) °C; 56 days;
(93 ± 3) % RH
ΔR/R ≤ ± 10 %
I-t characteristic
-
14 (Na)
Rapid change
of temperature
30 min at LCT;
30 min at UCT;
LCT = - 55 °C;
UCT = 125 °C;
5 cycles
ΔR/R ≤ ± 10 %
-
6 (Fc)
Vibration
Endurance by sweeping;
10 Hz to 2000 Hz;
no resonance;
amplitude
≤ 1.5 mm or
≤ 200 m/s2; 6 h
ΔR/R ≤ ± 10 %
-
45 (XA)
Component
solvent
resistance
Isopropyl alcohol;
50 °C; method 2
No visible damage
-
45 (XA)
Solvent
resistance
of marking
Isopropyl alcohol;
50 °C; method 1, toothbrush
Marking legible,
no visible damage
-
21 (Ue3)
Shear
(adhesion)
RR 1608M; 9 N
No visible damage
RR 2012M and RR 3216M; 45 N
-
-
Flammability
IEC 60695-2-2,
needle flame test; 10 s
No burning after 30 s
TEST PROCEDURES AND REQUIREMENTS
IEC
60127-4
CLAUSE
IEC
60068-2
TEST
METHOD
TEST
PROCEDURE
REQUIREMENTS
PERMISSIBLE CHANGE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com