Electronic Components Datasheet Search
  English  ▼

X  

MFU Datasheet(PDF) 4 Page - Vishay Siliconix

Part # MFU
Description  Thin Film Chip Fuses
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MFU Datasheet(HTML) 4 Page - Vishay Siliconix

  MFU Datasheet HTML 1Page - Vishay Siliconix MFU Datasheet HTML 2Page - Vishay Siliconix MFU Datasheet HTML 3Page - Vishay Siliconix MFU Datasheet HTML 4Page - Vishay Siliconix MFU Datasheet HTML 5Page - Vishay Siliconix MFU Datasheet HTML 6Page - Vishay Siliconix MFU Datasheet HTML 7Page - Vishay Siliconix MFU Datasheet HTML 8Page - Vishay Siliconix MFU Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
www.vishay.com
For technical questions, contact: thinfilm.chipfuse@vishay.com
Document Number: 28747
4
Revision: 06-May-10
MFU Series
Vishay Beyschlag
Thin Film Chip Fuses
Notes
(1) Other values of rated current are available on request
(2) Typical values
(3) For packages with 1000 pieces, please use for packaging E1 instead of E5
(4) For packages with 10 000 pieces, please use for packaging E0 instead of E5
(5) Available on request
Notes
(6) Other values of rated current are available on request
(7) Typical values
(8) For packages with 1000 pieces, please use for packaging P1 instead of P5
(9) For packages with 20 000 pieces, please use for packaging PW instead of P5
MFU 0402 RATING - Very quick acting (FF)
SIZE
FUSE
CHAR.
RATED
CURRENT (1)
RATED
VOLTAGE
PRE-ARCING (2)
I2t
at 10 x
IR
VOLT.
DROP (2)
at
1 x
IR
COLD
RESIS (2)
at
0.1 x
IR
BREAKING
CAPACITY
DC
MARK. APPROVAL
PART NUMBER (3)(4)
0402
FF
500 mA (5)
32 V
0.0009 A2s
368 mV
560 m
Ω 50 A at 32 V
-
UL
MFU0402FF00500E500
630 mA (5)
32 V
0.0014 A2s
331 mV
400 m
Ω 50 A at 32 V
-
UL
MFU0402FF00630E500
750 mA (5)
32 V
0.0020 A2s
275 mV
280 m
Ω 50 A at 32 V
-
UL
MFU0402FF00750E500
800 mA
32 V
0.0023 A2s
231 mV
220 m
Ω 50 A at 32 V
-
UL
MFU0402FF00800E500
1.0 A
32 V
0.0028 A2s
184 mV
140 m
Ω 50 A at 32 V
-
UL
MFU0402FF01000E500
1.25 A
32 V
0.0039 A2s
159 mV
97 m
Ω 50 A at 32 V
-
UL
MFU0402FF01250E500
1.5 A
32 V
0.0059 A2s
146 mV
74 m
Ω 50 A at 32 V
-
UL
MFU0402FF01500E500
1.6 A
32 V
0.0065 A2s
136 mV
65 m
Ω 50 A at 32 V
-
UL
MFU0402FF01600E500
1.75 A
32 V
0.0077 A2s
124 mV
54 m
Ω 50 A at 32 V
-
UL
MFU0402FF01750E500
2.0 A
32 V
0.0101 A2s
115 mV
44 m
Ω 50 A at 32 V
-
UL
MFU0402FF02000E500
2.5 A
32 V
0.0157 A2s
107 mV
33 m
Ω 50 A at 32 V
-
UL
MFU0402FF02500E500
3.0 A
32 V
0.0227 A2s
95 mV
24 m
Ω 50 A at 32 V
-
UL
MFU0402FF03000E500
3.15 A
32 V
0.0250 A2s
90 mV
22 m
Ω 50 A at 32 V
-
UL
MFU0402FF03150E500
MFU 0603 RATING - Very quick acting (FF)
SIZE
FUSE
CHAR.
RATED
CURRENT (6)
RATED
VOLTAGE
PRE-ARCING (7)
I2t
at 10 x
IR
VOLT.
DROP (7)
at
1 x
IR
COLD
RESIS (7)
at
0.1 x
IR
BREAKING
CAPACITY
DC
MARK. APPROVAL
PART NUMBER (8)(9)
0603
FF
500 mA
32 V
0.0009 A2s
361 mV
550 m
Ω 50 A at 32 V
F
UL/IEC
MFU0603FF00500P500
630 mA
32 V
0.0014 A2s
331 mV
400 m
Ω 50 A at 32 V
CT
UL
MFU0603FF00630P500
750 mA
32 V
0.0020 A2s
258 mV
262 m
Ω 50 A at 32 V
G
UL
MFU0603FF00750P500
800 mA
32 V
0.0023 A2s
249 mV
237 m
Ω 50 A at 32 V
CV
UL
MFU0603FF00800P500
1.0 A
32 V
0.0028 A2s
223 mV
170 m
Ω 50 A at 32 V
H
UL/IEC
MFU0603FF01000P500
1.25 A
32 V
0.0039 A2s
180 mV
110 m
Ω 50 A at 32 V
J
UL
MFU0603FF01250P500
1.5 A
32 V
0.0059 A2s
155 mV
79 m
Ω 50 A at 32 V
K
UL
MFU0603FF01500P500
1.6 A
32 V
0.0065 A2s
159 mV
76 m
Ω 50 A at 32 V
EF
UL/IEC
MFU0603FF01600P500
1.75 A
32 V
0.0077 A2s
138 mV
60 m
Ω 50 A at 32 V
L
UL
MFU0603FF01750P500
2.0 A
32 V
0.0101 A2s
150 mV
57 m
Ω 50 A at 32 V
N
UL/IEC
MFU0603FF02000P500
2.5 A
32 V
0.0157 A2s
121 mV
37 m
Ω 50 A at 32 V
O
UL
MFU0603FF02500P500
3.0 A
32 V
0.0227 A2s
126 mV
32 m
Ω 50 A at 32 V
P
UL
MFU0603FF03000P500
3.15 A
32 V
0.0250 A2s
120 mV
29 m
Ω 50 A at 32 V
EL
UL/IEC
MFU0603FF03150P500
3.5 A
32 V
0.0308 A2s
106 mV
23 m
Ω 50 A at 32 V
R
UL
MFU0603FF03500P500
4.0 A
32 V
0.0403 A2s
100 mV
19 m
Ω 50 A at 32 V
S
UL
MFU0603FF04000P500
5.0 A
32 V
0.2275 A2s
85 mV
13 m
Ω 50 A at 32 V
T
UL
MFU0603FF05000P500



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com