Electronic Components Datasheet Search
  English  ▼

X  

UEE Datasheet(PDF) 13 Page - Murata Manufacturing Co., Ltd.

Part # UEE
Description  Isolated, High-Density, Eighth-Brick DOSA Low Profi le DC/DC Converters
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

UEE Datasheet(HTML) 13 Page - Murata Manufacturing Co., Ltd.

Back Button UEE Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. UEE Datasheet HTML 10Page - Murata Manufacturing Co., Ltd. UEE Datasheet HTML 11Page - Murata Manufacturing Co., Ltd. UEE Datasheet HTML 12Page - Murata Manufacturing Co., Ltd. UEE Datasheet HTML 13Page - Murata Manufacturing Co., Ltd. UEE Datasheet HTML 14Page - Murata Manufacturing Co., Ltd. UEE Datasheet HTML 15Page - Murata Manufacturing Co., Ltd. UEE Datasheet HTML 16Page - Murata Manufacturing Co., Ltd. UEE Datasheet HTML 17Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
www.murata-ps.com/support
UEE Series
Isolated, High-Density, Eighth-Brick
DOSA Low Profile DC/DC Converters
MDC_UEE_Series.A04 Page 13 of 29
Emissions Performance, Model UEE-3.3/25-D48
Murata Power Solutions measures its products for radio frequency emissions
against the EN 55022 and CISPR 22 standards. Passive resistance loads are
employed and the output is set to the maximum voltage. If you set up your
own emissions testing, make sure the output load is rated at continuous power
while doing the tests.
The recommended external input and output capacitors (if required) are
included. Please refer to the fundamental switching frequency. All of this
information is listed in the Product Specifications. An external discrete filter is
installed and the circuit diagram is shown below.
[1] Conducted Emissions Parts List
[2] Conducted Emissions Test Equipment Used
Spectrum Analyzer – Hewlett Packard HP8594L
Line Impedance Stabilization Network (LISN) – 2 Line V-Networks LS1-15V,
50 Ω, 50 μH
[3] Conducted Emissions Test Results
[4] Layout Recommendations
Most applications can use the filtering which is already installed inside the
converter or with the addition of the recommended external capacitors. For
greater emissions suppression, consider additional filter components and/or
shielding. Emissions performance will depend on the user’s PC board layout,
the chassis shielding environment and choice of external components. Please
refer to Application Note GEAN02 for further discussion.
Since many factors affect both the amplitude and spectra of emissions, we
recommend using an engineer who is experienced at emissions suppression.
Designation
Value
Part Number
Description
Vendor
C1
1 μF
GRM32ER72A105KA01L
SMD Ceramic, 100V, 1000nF,
X7R-1210
Murata
C2
100 nF
GRM319R72A104KA01D
SMD Ceramic, 100V, 100nF
±10%, X7R-1206
Murata
L1
1320 μH
LB16H1324
Common Mode choke,
1320 μH, ±25%, 4A, R5K,
*21*21*12.5mm
High Light
C4, C5
0.022 μF GRM32DR73A223KW01L
SMD Ceramic, 1000V, 0.022
μF, ±10%, X7R-1210
Murata
C3
220 μF
UHE2A221MHD
Alum. electrolytic, 100V, 220
μF, ±10%, long lead
Nichicon
C6
Not used
Not used for this model
L1
LOAD
C1
C2
C3
C6
C4
C5
External
DC
Power
Source
DC/DC Converter
Ground
-Vsource
NEG.
LINE
POS.
LINE
Spectrum
Analyzer
Return
+
+
Figure 3. Conducted Emissions Test Circuit
Graph 3. Conducted emissions performance, Positive Line,
CISPR 22, Class A, full load
Graph 4. Conducted emissions performance, Negative Line,
CISPR 22, Class A, full load



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com