Electronic Components Datasheet Search
  English  ▼

X  

UEE Datasheet(PDF) 4 Page - Murata Manufacturing Co., Ltd.

Part # UEE
Description  Isolated, High-Density, Eighth-Brick DOSA Low Profi le DC/DC Converters
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

UEE Datasheet(HTML) 4 Page - Murata Manufacturing Co., Ltd.

  UEE Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. UEE Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. UEE Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. UEE Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. UEE Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. UEE Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. UEE Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. UEE Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. UEE Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
www.murata-ps.com/support
UEE Series
Isolated, High-Density, Eighth-Brick
DOSA Low Profile DC/DC Converters
MDC_UEE_Series.A04 Page 4 of 29
OUTPUT
Total Output Power
0.0
49.5
50
W
Voltage
Nominal Output Voltage
No trim
3.267
3.30
3.333
Vdc
Setting Accuracy
At 50% load
-1
+1
% of Vset.
Output Voltage Range
User-adjustable
-10
+10
% of Vnom.
Overvoltage Protection
Via magnetic feedback
3.7
4.3
5.1
Vdc
Current
Output Current Range
0.0
15
15
A
Minimum Load
No minimum load
Current Limit Inception
98% of Vnom., after warmup
18
22
26
A
Short Circuit
Short Circuit Current
Hiccup technique, autorecovery within ±1.25%
of Vout
1.97
3
A
Short Circuit Duration
(remove short for recovery)
Output shorted to ground, no damage
Continuous
Short circuit protection method
Current limiting
Yes
Regulation
Line Regulation
Vin=min. to max., Vout=nom., Iout=nom.
±0.1
% of Vout
Load Regulation
Iout=min. to max., Vin=48V
±0.1
% of Vout
Ripple and Noise
➁
5 Hz- 20 MHz BW
50
70
mV pk-pk
Temperature Coefficient
At all outputs
±0.0046
±0.005
% of Vout./°C
Maximum Capacitive Loading
Cap. ESR=<0.02Ω, full resistive load
0
7500
μF
Remote Sense Compliance
Sense connected at load
10
% of Vout
MECHANICAL (Through Hole Models)
Outline Dimensions (no baseplate)
C56 case
2.3x0.9x0.40 max.
Inches
(Please refer to outline drawing)
WxLxH
58.4x22.9x10.16
mm
Outline Dimensions (with baseplate)
2.3x0.9x0.50
Inches
58.4x22.9x12.7
mm
Weight
No baseplate
1.09
Ounces
No baseplate
31
Grams
With baseplate
N/A
Ounces
With baseplate
N/A
Grams
Through Hole Pin Diameter
0.04 & 0.062
Inches
1.016&1.524
mm
Through Hole Pin Material
Copper alloy
TH Pin Plating Metal and Thickness
Nickel subplate
100-299
μ-inches
Gold overplate
10-31
μ-inches
Baseplate Material
Aluminum
ENVIRONMENTAL
Operating Ambient Temperature Range
No Derating, 100 LFM, full power, vertical mount
-40
85
°C
Operating Case Temperature
No derating
-40
115
°C
Storage Temperature
Vin = Zero (no power)
-55
125
°C
Thermal Protection/Shutdown
Measured in center
115
125
135
°C
Electromagnetic Interference
External filter is required
Conducted, EN55022/CISPR22
B
Class
Radiated, EN55022/CISPR22
B
Class
Relative humidity, non-condensing
To +85°C
10
90
%RH
Altitude
must derate -1%/1000 feet
-500
10,000
feet
-152
3048
meters
RoHS rating
RoHS-6
FUNCTIONAL SPECIFICATIONS, UEE-3.3/15-D48 (CONT.)
Notes
➀ Unless otherwise noted, all specifications are at nominal input voltage, nominal output voltage and
full load.
General conditions are +25˚ Celsius ambient temperature, near sea level altitude, natural convec-
tion airflow.
All models are tested and specified with external parallel 1 μF and 10 μF multi-layer ceramic
output capacitors.
No external input capacitor is used. All capacitors are low-ESR types wired close to the converter.
These capacitors are necessary for our test equipment and may not be needed in the user’s ap-
plication.
➁ Input (back) ripple current is tested and specified over 5 Hz to 20 MHz bandwidth. Input filtering is
Cbus=220 μF, Cin=33 μF and Lbus=12 μH.
➂ All models are stable and regulate to specification under no load.
➃ The Remote On/Off Control is referred to -Vin. For external transistor control, use open collector
logic or equivalent.
➄ NOTICE—Please use only this customer data sheet as product documentation when laying out your
printed circuit boards and applying this product into your application. Do NOT use other materials as
official documentation such as advertisements, product announcements, or website graphics.
We strive to have all technical data in this customer data sheet highly accurate and complete. This cus-
tomer data sheet is revision-controlled and dated. The latest customer data sheet revision is normally
on our website (www.murata-ps.com) for products which are fully released to Manufacturing. Please be
especially careful using any data sheets labeled “Preliminary” since data may change without notice.
The pinout (Pxx) and case (Cxx) designations (typically P32 or C56) refer to a generic family of
closely related information. It may not be a single pinout or unique case outline. Please be aware
of small details which may affect your application and PC board layouts. Study the Mechanical
Outline drawings, Input/Output Connection table and all footnotes very carefully. Please contact
Murata Power Solutions if you have any questions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com