Electronic Components Datasheet Search
  English  ▼

X  

UEE Datasheet(PDF) 3 Page - Murata Manufacturing Co., Ltd.

Part # UEE
Description  Isolated, High-Density, Eighth-Brick DOSA Low Profi le DC/DC Converters
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

UEE Datasheet(HTML) 3 Page - Murata Manufacturing Co., Ltd.

  UEE Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. UEE Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. UEE Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. UEE Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. UEE Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. UEE Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. UEE Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. UEE Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. UEE Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
www.murata-ps.com/support
UEE Series
Isolated, High-Density, Eighth-Brick
DOSA Low Profile DC/DC Converters
MDC_UEE_Series.A04 Page 3 of 29
FUNCTIONAL SPECIFICATIONS, UEE-3.3/15-D48
ABSOLUTE MAXIMUM RATINGS
Conditions
➀
Minimum
Typical/Nominal
Maximum
Units
Input Voltage, Continuous
0
80
Vdc
Input Voltage, Transient
Operating or non-operating,
100 mS max. duration
0
100
Vdc
Isolation Voltage
Input to output
2250
Vdc
Input Reverse Polarity
None, install external fuse
None
Vdc
On/Off Remote Control
Power on or off, referred to -Vin
-0.8
13.5
Vdc
Output Power
050
W
Output Current
Current-limited, no damage,
short-circuit protected
015
A
Storage Temperature Range
Vin = Zero (no power)
-55
125
°C
Absolute maximums are stress ratings. Exposure of devices to greater than any of these conditions may adversely affect long-term reliability. Proper operation under conditions other than those
listed in the Performance/Functional Specifications Table is not implied or recommended.
INPUT
Conditions
➀ ➂
Operating voltage range
36
48
75
Vdc
Recommended External Fuse
Fast blow
10
A
Start-up threshold
Rising input voltage
33
34
35
Vdc
Undervoltage shutdown
Falling input voltage
31
32
33
Vdc
Overvoltage shutdown
None
Vdc
Reverse Polarity Protection
None, install external fuse
None
Vdc
Internal Filter Type
Pi
Input current
Full Load Conditions
Vin = nominal
1.15
1.18
A
Low Line
Vin = minimum
1.53
1.58
A
Inrush Transient
0.01
0.03
A2-Sec.
Output in Short Circuit
72
100
mA
No Load
Iout = minimum, unit = ON
30
50
mA
Standby Mode (Off, UV, OT)
4.6
10
mA
Reflected (back) ripple current
➁
Measured at input with specified filter
30
mA, P-P
GENERAL and SAFETY
Efficiency
Vin = 48V, full load
88.0
90.0
%
Vin = min, full load
88.0
90.0
%
Isolation
Isolation Voltage, input to output
No baseplate
2250
Vdc
Isolation Voltage, input to baseplate
N/A
N/A
Vdc
Isolation Voltage, output to baseplate
N/A
N/A
Vdc
Insulation Safety Rating
basic
Isolation Resistance
10
MΩ
Isolation Capacitance
1000
pF
Safety
Certified to UL-60950-1, CSA-C22.2 No.60950-1,
IEC/EN60950-1, 2nd edition (pending)
Yes
Calculated MTBF
Per Telcordia SR-332, issue 1, class 3, ground
fixed, Tcase = +25°C
2.3
Hours x 106
DYNAMIC CHARACTERISTICS
Fixed Switching Frequency
300
330
360
KHz
Startup Time
Power on to Vout regulated
10
mS
Startup Time
Remote ON to Vout regulated
10
mS
Dynamic Load Response
50-75-50% load step, settling time to within
±1% of Vout
220
300
μSec
Dynamic Load Peak Deviation
same as above
±150
±200
mV
FEATURES and OPTIONS
Remote On/Off Control
➃
“N” suffix:
Negative Logic, ON state
ON=Ground pin or external voltage
-0.8
1
Vdc
Negative Logic, OFF state
OFF=Pin open or external voltage
2.5
13.5
Vdc
Control Current
sinking
1
2
mA
“P” suffix:
Positive Logic, ON state
ON=Pin open or external voltage
2.5
13.5
V
Positive Logic, OFF state
OFF=Ground pin or external voltage
-0.8
1
V
Control Current
sinking
1
2
mA
BasePlate
"B" suffix
N/A
Conformal Coating
"H" suffix
optional



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com