Electronic Components Datasheet Search
  English  ▼

X  

71M6541F Datasheet(PDF) 67 Page - Maxim Integrated Products

Part # 71M6541F
Description  Energy Meter ICs
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

71M6541F Datasheet(HTML) 67 Page - Maxim Integrated Products

Back Button 71M6541F Datasheet HTML 63Page - Maxim Integrated Products 71M6541F Datasheet HTML 64Page - Maxim Integrated Products 71M6541F Datasheet HTML 65Page - Maxim Integrated Products 71M6541F Datasheet HTML 66Page - Maxim Integrated Products 71M6541F Datasheet HTML 67Page - Maxim Integrated Products 71M6541F Datasheet HTML 68Page - Maxim Integrated Products 71M6541F Datasheet HTML 69Page - Maxim Integrated Products 71M6541F Datasheet HTML 70Page - Maxim Integrated Products 71M6541F Datasheet HTML 71Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 166 page
background image
71M6541D/F/G and 71M6542F/G Data Sheet
Rev 2
67
Table 57 shows all I/O RAM registers that control the operation of the LCD interface.
Table 57: LCD Configurations
Name
Location
Rst
Wk Dir
Description
LCD_ALLCOM
2400[3]
0
–
R/W
Configures all 6 SEG/COM pins as COM. Has no effect
on pins whose LCD_MAP bit is zero.
LCD_BAT
2402[7]
0
–
R/W
Connects the LCD power supply to VBAT in all modes.
LCD_E
2400[7]
0
–
R/W
Enables the LCD display. When disabled, VLC2,
VLC1, and VLC0 are ground as are the COM and SEG
outputs if their LCD_MAP bit is 1.
LCD_ON
LCD_BLANK
240C[0]
240C[1]
0
0
–
R/W
R/W
LCD_ON = 1 turns on all LCD segments without
affecting the LCD data. Similarly, LCD_BLANK = 1
turns off all LCD segments without affecting the LCD
data. If both bits are set, all LCD segments are turned
on.
LCD_RST
240C[2]
0
–
R/W
Clear all bits of LCD data. These bits affect SEGDIO
pins that are configured as LCD drivers.
LCD_DAC[4:0]
240D[4:0]
0
–
R/W
This register controls the LCD contrast DAC, which
adjusts the VLCD voltage and has an output range of
2.5 VDC to 5 VDC. The VLCD voltage is
VLCD = 2.5 + 2.5 * LCD_DAC[4:0]/31
Thus, the LSB of the DAC is 80.6 mV. The maximum
DAC output voltage is limited by V3P3SYS, VBAT, and
whether LCD_BSTE is set.
LCD_CLK[1:0]
2400[1:0]
0
–
R/W
Sets the LCD clock frequency (1/T). See definition of T
in Figure 21.
Note: fw = 32768 Hz
00-fw/2^9, 01-fw/2^8, 10-fw/2^7, 11-fw/2^6
LCD_MODE[2:0]
2400[6:4]
0
–
R/W
The LCD bias and multiplex mode.
LCD_MODE
Output
000
4 states, 1/3 bias
001
3 states, 1/3 bias
010
2 states, ½ bias
011
3 states, ½ bias
100
Static display
101
5 states, 1/3 bias
110
6 states, 1/3 bias
LCD_VMODE[1:0]
2401[7:6]
00
00
R/W
This register specifies how VLCD is generated.
LCD_VMODE
Description
11
External VLCD
10
LCD boost and LCD DAC
enabled
01
LCD DAC enabled
00
No boost and no DAC. VLCD
= VBAT or V3P3SYS
The LCD can be driven in static, ½ bias, and 1/3 bias modes. Figure 21 defines the COM waveforms.
Note that COM pins that are not required in a specific mode maintain a ‘segment off’ state rather than
GND, VCC, or high impedance.
The segment drivers SEGDIO22 and SEGDIO23 can be configured to blink at either 0.5 Hz or 1 Hz.
The blink rate is controlled by LCD_Y (I/O RAM 0x2400[2]). There can be up to six pixels/segments
connected to each of these driver pins. The I/O RAM fields LCD_BLKMAP22[5:0] (I/O RAM 0x2402[5:0])
and LCD_BLKMAP23[5:0] (I/O RAM 0x2401[5:0]) identify which pixels, if any, are to blink.
LCD_BLKMAP22[5:0] and LCD_BLKMAP23[5:0] are non-volatile.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com