Electronic Components Datasheet Search
  English  ▼

X  

71M6541F Datasheet(PDF) 39 Page - Maxim Integrated Products

Part # 71M6541F
Description  Energy Meter ICs
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

71M6541F Datasheet(HTML) 39 Page - Maxim Integrated Products

Back Button 71M6541F Datasheet HTML 35Page - Maxim Integrated Products 71M6541F Datasheet HTML 36Page - Maxim Integrated Products 71M6541F Datasheet HTML 37Page - Maxim Integrated Products 71M6541F Datasheet HTML 38Page - Maxim Integrated Products 71M6541F Datasheet HTML 39Page - Maxim Integrated Products 71M6541F Datasheet HTML 40Page - Maxim Integrated Products 71M6541F Datasheet HTML 41Page - Maxim Integrated Products 71M6541F Datasheet HTML 42Page - Maxim Integrated Products 71M6541F Datasheet HTML 43Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 166 page
background image
71M6541D/F/G and 71M6542F/G Data Sheet
Rev 2
39
Table 21: PCON Register Bit Description (SFR 0x87)
Bit
Symbol
Function
PCON[7]
SMOD
The SMOD bit doubles the baud rate when set
2.4.6
Timers and Counters
The 80515 has two 16-bit timer/counter registers: Timer 0 and Timer 1. These registers can be configured
for counter or timer operations.
In timer mode, the register is incremented every machine cycle, i.e., it counts up once for every 12 periods
of the MPU clock. In counter mode, the register is incremented when the falling edge is observed at the
corresponding input signal T0 or T1 (T0 and T1 are the timer gating inputs derived from certain DIO pins,
see 2.5.8 Digital I/O). Since it takes 2 machine cycles to recognize a 1-to-0 event, the maximum input
count rate is 1/2 of the clock frequency (CKMPU). There are no restrictions on the duty cycle, however
to ensure proper recognition of the 0 or 1 state, an input should be stable for at least 1 machine cycle.
Four operating modes can be selected for Timer 0 and Timer 1, as shown in Table 22 and Table 23. The
TMOD (SFR 0x89) Register, shown in Table 24, is used to select the appropriate mode. The timer/counter
operation is controlled by the TCON (SFR 0x88) Register, which is shown in Table 25. Bits TR1 (TCON[6])
and TR0 (TCON[4]) in the TCON register start their associated timers when set.
Table 22: Timers/Counters Mode Description
M1
M0
Mode
Function
0
0
Mode 0
13-bit Counter/Timer mode with 5 lower bits in the TL0 or TL1 (SFR
0x8A or SFR 0x8B) register and the remaining 8 bits in the TH0 or TH1
(SFR 0x8C or SFR 0x8D) register (for Timer 0 and Timer 1, respectively).
The 3 high order bits of TL0 and TL1 are held at zero.
0
1
Mode 1
16-bit Counter/Timer mode.
1
0
Mode 2
8-bit auto-reload Counter/Timer. The reload value is kept in TH0 or
TH1, while TL0 or TL1 is incremented every machine cycle. When
TL(x) overflows, a value from TH(x) is copied to TL(x) (where x is 0
for counter/timer 0 or 1 for counter/timer 1.
1
1
Mode 3
If Timer 1 M1 and M0 bits are set to 1, Timer 1 stops.
If Timer 0 M1 and M0 bits are set to 1, Timer 0 acts as two independent
8-bit Timer/Counters.
In Mode 3, TL0 is affected by TR0 and gate control bits, and sets the TF0 flag on overflow, while TH0
is affected by the TR1 bit, and the TF1 flag is set on overflow.
Table 23 specifies the combinations of operation modes allowed for Timer 0 and Timer 1.
Table 23: Allowed Timer/Counter Mode Combinations
Timer 1
Mode 0
Mode 1
Mode 2
Timer 0 - mode 0
Yes
Yes
Yes
Timer 0 - mode 1
Yes
Yes
Yes
Timer 0 - mode 2
Not allowed
Not allowed
Yes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com