Electronic Components Datasheet Search
  English  ▼

X  

71M6541F Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # 71M6541F
Description  Energy Meter ICs
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

71M6541F Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button 71M6541F Datasheet HTML 9Page - Maxim Integrated Products 71M6541F Datasheet HTML 10Page - Maxim Integrated Products 71M6541F Datasheet HTML 11Page - Maxim Integrated Products 71M6541F Datasheet HTML 12Page - Maxim Integrated Products 71M6541F Datasheet HTML 13Page - Maxim Integrated Products 71M6541F Datasheet HTML 14Page - Maxim Integrated Products 71M6541F Datasheet HTML 15Page - Maxim Integrated Products 71M6541F Datasheet HTML 16Page - Maxim Integrated Products 71M6541F Datasheet HTML 17Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 166 page
background image
71M6541D/F/G and 71M6542F/G Data Sheet
Rev 2
13
Figure 3 shows the 71M6541D/F/G multiplexer interface with one local and one remote resistive shunt
sensor. As seen in Figure 3, when a remote isolated shunt sensor is connected via the 71M6x01, the
samples associated with this current channel are not routed to the multiplexer, and are instead
transferred digitally to the 71M6541D/F/G via the digital isolation interface and are directly stored in CE
RAM.
See Figure 6 for the multiplexer timing sequence corresponding to Figure 3. See Figure 36 for the meter
configurations corresponding to Figure 3.
∆Σ ADC
CONVERTER
VREF
MUX
VREF
VREF
VADC
22
FIR
IBP
IAP
VADC10 (VA)
IAN
IBN
71M6541D/F
CE RAM
71M6x01
SP
SN
INP
INN
Remote
Shunt
IN*
Digital
Isolation
Interface
Local
Shunt
ILINE
22
11/5/2010
* IN = Optional Neutral Current
Figure 3. 71M6541D/F/G AFE Block Diagram with 71M6x01
Figure 4 shows the 71M6542F/G AFE with locally connected sensors. The analog input signals (IAP-IAN,
VA, IBP-IBN and VB) are multiplexed to the ADC input and sampled by the ADC. The ADC output is
decimated by the FIR filter and stored in CE RAM where it can be accessed and processed by the CE.
See Figure 7 for the multiplexer timing sequence corresponding to Figure 4. See Figure 37 for the meter
configuration corresponding to Figure 4.
∆Σ ADC
CONVERTER
VREF
MUX
VREF
VREF
VADC
22
FIR
IBP
IAP
VADC10 (VA)
IAN
IBN
71M6542F
CE RAM
Local
Shunt
IB
CT
IA
or
CT
11/5/2010
IA
VADC9 (VB)
Figure 4. 71M6542F/G AFE Block Diagram (Local Sensors)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com