Electronic Components Datasheet Search
  English  ▼

X  

DS3231M Datasheet(PDF) 14 Page - Maxim Integrated Products

Part # DS3231M
Description  ±5ppm, I2C Real-Time Clock
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS3231M Datasheet(HTML) 14 Page - Maxim Integrated Products

Back Button DS3231M Datasheet HTML 10Page - Maxim Integrated Products DS3231M Datasheet HTML 11Page - Maxim Integrated Products DS3231M Datasheet HTML 12Page - Maxim Integrated Products DS3231M Datasheet HTML 13Page - Maxim Integrated Products DS3231M Datasheet HTML 14Page - Maxim Integrated Products DS3231M Datasheet HTML 15Page - Maxim Integrated Products DS3231M Datasheet HTML 16Page - Maxim Integrated Products DS3231M Datasheet HTML 17Page - Maxim Integrated Products DS3231M Datasheet HTML 18Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
±5ppm, I2C Real-Time Clock
14
Figure 7. CONV Control Bit and BSY Status Bit Operation
VCC POWERED
VBAT POWERED
INTERNAL 1Hz
CLOCK
BSY
CONV
INTERNAL 1Hz
CLOCK
BSY
CONV
THE USER SETS THE CONV BIT
THE USER SETS THE CONV BIT
10 SECONDS
THE DEVICE CLEARS THE CONV BIT
AFTER THE TEMPERATURE CONVERSION
HAS COMPLETED
THE DEVICE CLEARS THE CONV BIT
AFTER THE TEMPERATURE CONVERSION
HAS COMPLETED
BSY IS HIGH DURING
THE TEMPERATURE CONVERSION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com