Electronic Components Datasheet Search
  English  ▼

X  

DS3231M Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # DS3231M
Description  ±5ppm, I2C Real-Time Clock
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS3231M Datasheet(HTML) 4 Page - Maxim Integrated Products

  DS3231M Datasheet HTML 1Page - Maxim Integrated Products DS3231M Datasheet HTML 2Page - Maxim Integrated Products DS3231M Datasheet HTML 3Page - Maxim Integrated Products DS3231M Datasheet HTML 4Page - Maxim Integrated Products DS3231M Datasheet HTML 5Page - Maxim Integrated Products DS3231M Datasheet HTML 6Page - Maxim Integrated Products DS3231M Datasheet HTML 7Page - Maxim Integrated Products DS3231M Datasheet HTML 8Page - Maxim Integrated Products DS3231M Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
±5ppm, I2C Real-Time Clock
4
AC_ELECTRICAL_CHARACTERISTICS—I2C_INTERFACE
(VCC or VBAT = +2.3V to +5.5V, TA = -40NC to +85NC, unless otherwise noted. Typical values are at VCC = +3.3V, VBAT = +3.0V,
and TA = +25NC, unless otherwise noted.) (Note 5, Figure 1)
Note_1:_All voltages are referenced to ground.
Note_2:_The parameter tOSF is the period of time the oscillator must be stopped for the OSF flag to be set.
Note_3: Includes the temperature conversion current (averaged).
Note_4: This delay applies only if the oscillator is enabled. If the EOSC bit is 1, tREC is bypassed and RST immediately goes high.
The state of RST does not affect the I2C interface or RTC functions.
Note_5:__Interface timing shown is for fast-mode (400kHz) operation. This device is also backward-compatible with standard mode
I2C timing.
Note_6:_CB: Total capacitance of one bus line in picofarads.
Note_7:_Guaranteed by design; not 100% production tested.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
SCL Clock Frequency
fSCL
0
400
kHz
Bus Free Time Between STOP
and START Conditions
tBUF
1.3
F
s
Hold Time (Repeated) START
Condition
tHD:STA
0.6
F
s
Low Period of SCL
tLOW
1.3
F
s
High Period of SCL
tHIGH
0.6
F
s
Data Hold Time
tHD:DAT
0
0.9
F
s
Data Set-Up Time
tSU:DAT
100
ns
START Set-Up Time
tSU:STA
0.6
F
s
SDA and SCL Rise Time
tR
(Note 6)
20 +
0.1CB
300
ns
SDA and SCL Fall Time
tF
(Note 6)
20 +
0.1CB
300
ns
STOP Set-Up Time
tSU:STO
0.6
F
s
SDA, SCL Input Capacitance
CBIN
(Note 7)
10
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com