Electronic Components Datasheet Search
  English  ▼

X  

DS3231M Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # DS3231M
Description  ±5ppm, I2C Real-Time Clock
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS3231M Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button DS3231M Datasheet HTML 2Page - Maxim Integrated Products DS3231M Datasheet HTML 3Page - Maxim Integrated Products DS3231M Datasheet HTML 4Page - Maxim Integrated Products DS3231M Datasheet HTML 5Page - Maxim Integrated Products DS3231M Datasheet HTML 6Page - Maxim Integrated Products DS3231M Datasheet HTML 7Page - Maxim Integrated Products DS3231M Datasheet HTML 8Page - Maxim Integrated Products DS3231M Datasheet HTML 9Page - Maxim Integrated Products DS3231M Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
±5ppm, I2C Real-Time Clock
6
Typical Operating Characteristics
(TA = +25°C, unless otherwise noted.)
FREQUENCY ERROR
vs. TEMPERATURE
TEMPERATURE (°C)
50
0
-8
-6
-4
-2
0
2
4
6
8
10
-10
-50
100
LIMITS
VCC = 3.3V
RST OUTPUT VOLTAGE
vs. POWER SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
4
2
1
2
3
4
5
6
0
0
6
VBAT = 3.0V,
TA = +25°C
TRACKS WITH VCC
RST OUTPUT VOLTAGE
vs. OUTPUT CURRENT
OUTPUT CURRENT (mA)
4
3
2
1
0.1
0.2
0.3
0.4
0.5
0
0
5
VCC = 2.45V,
VBAT = 3.0V,
TA = +25°C
INT/SQW OUTPUT VOLTAGE
vs. OUTPUT CURRENT
OUTPUT CURRENT (mA)
8
6
4
2
0.1
0.2
0.3
0.4
0.5
0
0
10
VCC = 2.3V,
VBAT = 0V,
TA = +25°C
BATTERY-SUPPLY CURRENT
vs. BATTERY-SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
5
4
3
1.5
2.0
2.5
3.0
3.5
4.0
1.0
2
6
VCC = 0V, EN32KHZ = 1, BBSQW = 0
+85°C
+25°C
-40°C
POWER-SUPPLY CURRENT
vs. POWER-SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
5
4
3
60
70
80
90
100
110
120
130
140
150
50
2
6
VBAT = 2.3V, EN32KHZ = 1, IOUT = 0mA
INCREASE BELOW VPF
DUE TO INTERNAL PULLUP
RESISTOR ON RST
+85°C
+25°C
-40°C
POWER-SUPPLY CURRENT
vs. SCL FREQUENCY
SCL FREQUENCY (kHz)
300
200
100
90
100
110
120
130
140
150
160
170
180
190
200
80
0
400
TA = +25°C
+5.5V
+2.7V
+3.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com