Electronic Components Datasheet Search
  English  ▼

X  

MAX6772 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX6772
Description  Automotive Micropower Linear Regulators with Supervisor
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6772 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX6772 Datasheet HTML 1Page - Maxim Integrated Products MAX6772 Datasheet HTML 2Page - Maxim Integrated Products MAX6772 Datasheet HTML 3Page - Maxim Integrated Products MAX6772 Datasheet HTML 4Page - Maxim Integrated Products MAX6772 Datasheet HTML 5Page - Maxim Integrated Products MAX6772 Datasheet HTML 6Page - Maxim Integrated Products MAX6772 Datasheet HTML 7Page - Maxim Integrated Products MAX6772 Datasheet HTML 8Page - Maxim Integrated Products MAX6772 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
Automotive Micropower Linear Regulators
with Supervisor
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VIN = 14V, CIN = 0.1µF, COUT = 10µF, TA = TJ = -40°C to +125°C, unless otherwise noted. Typical values are at TA = TJ = +25°C.)
(Note 1)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
(All pins referenced to GND, unless otherwise noted.)
VIN ..........................................................................-0.3V to +80V
OUT ................................................-0.3V to min (12V, IN + 0.3V)
ENABLE, ENABLE1, ENABLE2 .....................-0.3V to (IN + 0.3V)
RESET (open-drain output), TIMEOUT, WDI,
RESETIN, SET ......................................................-0.3V to 12V
RESET (push-pull output), HOLD ..............-0.3V to (OUT + 0.3V)
Maximum Current (all pins except IN and OUT).................50mA
Continuous Power Dissipation (TA = +70°C)
6-Pin TDFN 3mm x 3mm
(derate 23.8mW/°C above +70°C) ...........................1904.8mW
8-Pin TDFN 3mm x 3mm
(derate 24.4mW/°C above +70°C) ...........................1951.2mW
Operating Temperature Range .........................-40°C to +125°C
Junction Temperature ......................................................+150°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
Soldering Temperature (reflow) .......................................+260°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Supply Voltage Range
VIN
472
V
ILOAD = 0A
31
45
ILOAD = 50mA
35
50
ILOAD = 100mA, VIN = 14V
37
55
ILOAD = 0A, VIN = 42V
35
50
Supply Current
(MAX6765–MAX6772) (Note 2)
ILOAD = 10mA, VIN = 42V
37
55
µA
ILOAD = 0A
38
50
ILOAD = 50mA
42
55
ILOAD = 100mA
44
60
ILOAD = 0A, VIN = 42V
42
55
Supply Current
(MAX6773/MAX6773B/
MAX6774/MAX6774B)
(Note 2)
ILOAD = 10mA, VIN = 42V
44
60
µA
Shutdown Supply Current
ISHDN
ENABLE , ENABLE1, ENABLE2 = GND
3.3
7
µA
L/M, ILOAD = 1mA
4.925
5
5.075
L/M, 1mA
≤ ILOAD ≤ 100mA, VIN = 11V
4.850
5
5.150
T/S, ILOAD = 1mA
3.251
3.3
3.350
T/S, 1mA
≤ ILOAD ≤ 100mA, VIN = 9.3V
3.201
3.3
3.399
Z/Y, ILOAD = 1mA
2.463
2.5
2.538
Z/Y, 1mA
≤ ILOAD ≤ 100mA, VIN = 8.5V
2.425
2.5
2.575
W/V, ILOAD = 1mA
1.773
1.8
1.827
Output Voltage
VOUT
W/V, 1mA
≤ ILOAD ≤ 100mA, VIN = 7.8V
1.746
1.8
1.854
V
Adjustable Output Voltage Range
VOUT
1.8
11.0
V
SET Threshold Voltage
(MAX6767–MAX6774)
VSET
ILOAD = 1mA
1.20
1.233
1.26
V
SET rising
116
Dual Mode™ SET Threshold
SET falling
58
mV
Dual Mode is a trademark of Maxim Integrated Products, Inc.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com