Electronic Components Datasheet Search
  English  ▼

X  

MAX6772 Datasheet(PDF) 21 Page - Maxim Integrated Products

Part # MAX6772
Description  Automotive Micropower Linear Regulators with Supervisor
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6772 Datasheet(HTML) 21 Page - Maxim Integrated Products

Back Button MAX6772 Datasheet HTML 14Page - Maxim Integrated Products MAX6772 Datasheet HTML 15Page - Maxim Integrated Products MAX6772 Datasheet HTML 16Page - Maxim Integrated Products MAX6772 Datasheet HTML 17Page - Maxim Integrated Products MAX6772 Datasheet HTML 18Page - Maxim Integrated Products MAX6772 Datasheet HTML 19Page - Maxim Integrated Products MAX6772 Datasheet HTML 20Page - Maxim Integrated Products MAX6772 Datasheet HTML 21Page - Maxim Integrated Products MAX6772 Datasheet HTML 22Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
Automotive Micropower Linear Regulators
with Supervisor
______________________________________________________________________________________
21
Chip Information
PROCESS: BiCMOS
PART
TEMP
RANGE
PIN-
PACKAGE
MAX6766TT_D_+
-40°C to +125°C
6 TDFN-EP*
MAX6767TA_D_+
-40°C to +125°C
8 TDFN-EP*
MAX6768TA_D_+
-40°C to +125°C
8 TDFN-EP*
MAX6769TA_D_+
-40°C to +125°C
8 TDFN-EP*
MAX6770TA_D_+
-40°C to +125°C
8 TDFN-EP*
MAX6771TA_D_+
-40°C to +125°C
8 TDFN-EP*
MAX6772TA_D_+
-40°C to +125°C
8 TDFN-EP*
MAX6773TA_D_/V+
-40°C to +125°C
8 TDFN-EP*
MAX6773BTA_D_/V+
-40°C to +125°C
8 TDFN-EP*
MAX6774TA_D_+
-40°C to +125°C
8 TDFN-EP*
MAX6774BTA_D_+
-40°C to +125°C
8 TDFN-EP*
Ordering Information (continued)
The first “_” is a placeholder for the voltage output and reset
threshold. The 2nd “_” designates the fixed reset-timeout option.
See Tables 1 and 2 for details. For example, the MAX6765TTLD4
has a 5V output, a reset threshold of 4.65V, and a 200ms typical
reset timeout.
+
Denotes a lead(Pb)-free/RoHS-compliant package.
/V denotes an automotive qualified part.
*
EP = Exposed pad.
For tape-and-reel orders add a “T” after the “+” symbol to com-
plete the part number. Tape-and-reel orders are available in
2.5k increments. Nonstandard versions require a 10k minimum
order quantity.
PACKAGE
TYPE
PACKAGE
CODE
OUTLINE
NO.
LAND
PATTERN NO.
6 TDFN-EP
T633+2
21-0137
90-0058
8 TDFN-EP
T833+2
21-0137
90-0059
Package Information
For the latest package outline information and land patterns
(footprints), go to www.maxim-ic.com/packages. Note that a
“+”, “#”, or “-” in the package code indicates RoHS status only.
Package drawings may show a different suffix character, but
the drawing pertains to the package regardless of RoHS status.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com