Electronic Components Datasheet Search
  English  ▼

X  

MAX6772 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX6772
Description  Automotive Micropower Linear Regulators with Supervisor
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6772 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX6772 Datasheet HTML 2Page - Maxim Integrated Products MAX6772 Datasheet HTML 3Page - Maxim Integrated Products MAX6772 Datasheet HTML 4Page - Maxim Integrated Products MAX6772 Datasheet HTML 5Page - Maxim Integrated Products MAX6772 Datasheet HTML 6Page - Maxim Integrated Products MAX6772 Datasheet HTML 7Page - Maxim Integrated Products MAX6772 Datasheet HTML 8Page - Maxim Integrated Products MAX6772 Datasheet HTML 9Page - Maxim Integrated Products MAX6772 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
Automotive Micropower Linear Regulators
with Supervisor
6
_______________________________________________________________________________________
Typical Operating Characteristics (continued)
(VIN = 14V, COUT = 10µF, CIN = 0.1µF, TA = +25°C, unless otherwise noted.)
OUTPUT VOLTAGE
vs. LOAD CURRENT
1.79
1.77
1.76
1.75
1.78
1.80
1.83
1.84
1.82
1.81
1.85
20
40
60
80
100
LOAD CURRENT (mA)
030
10
50
70
90
VOUT = 1.8V
0
20
40
60
80
100
120
140
160
0
25
50
75
100
125
RESET TIMEOUT PERIOD
vs. CAPACITOR VALUE
CAPACITOR VALUE (nF)
0.94
0.96
1.08
1.00
0.98
1.02
1.04
1.06
1.10
-40
-10 5
20
-25
35 50
95
80
110
65
125
NORMALIZED RESET TIMEOUT PERIOD
vs. TEMPERATURE
TEMPERATURE (
°C)
NORMALIZED WATCHDOG TIMEOUT
vs. TEMPERATURE
0.90
0.92
1.04
0.96
0.94
0.98
1.00
1.02
1.06
-40
-10 5
20
-25
35 50
95
80
110
65
125
TEMPERATURE (
°C)
0
1.0
0.5
2.0
1.5
2.5
3.0
3.5
4.0
010
15
5
2025303540
RESET OUTPUT vs. SINK CURRENT
SINK CURRENT (mA)
VOUT = 5V
0
0
1.0
0.5
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
48
12
16
SOURCE CURRENT (mA)
6
210
14
RESET OUTPUT vs. SOURCE CURRENT
VOUT = 5V
34
35
36
37
38
39
40
41
42
0.001
0.01
0.1
1
10
100
SUPPLY CURRENT
vs. WATCHDOG INPUT FREQUENCY
WATCHDOG INPUT FREQUENCY (kHz)
VOUT = 5V
ENABLE
5V/div
GATE
5V/div
HOLD
5V/div
OUT
5V/div
OUT AND HOLD vs. ENABLE
MAX6765 toc16
20ms/div
(SEE TEST CIRCUIT FOR ENABLE AND HOLD)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com