Electronic Components Datasheet Search
  English  ▼

X  

MAX12005 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX12005
Description  Satellite IF Switch
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX12005 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX12005 Datasheet HTML 1Page - Maxim Integrated Products MAX12005 Datasheet HTML 2Page - Maxim Integrated Products MAX12005 Datasheet HTML 3Page - Maxim Integrated Products MAX12005 Datasheet HTML 4Page - Maxim Integrated Products MAX12005 Datasheet HTML 5Page - Maxim Integrated Products MAX12005 Datasheet HTML 6Page - Maxim Integrated Products MAX12005 Datasheet HTML 7Page - Maxim Integrated Products MAX12005 Datasheet HTML 8Page - Maxim Integrated Products MAX12005 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
_______________________________________________________________ Maxim Integrated Products 1
For pricing, delivery, and ordering information, please contact Maxim Direct at 1-888-629-4642,
or visit Maxim’s website at www.maxim-ic.com.
Satellite IF Switch
19-5554; Rev 1; 10/11
+Denotes a lead(Pb)-free/RoHS-compliant package.
*EP = Exposed paddle.
Ordering Information
General Description
The MAX12005 satellite IF switch IC is designed for
multi-user applications supporting two quad universal
low-noise blocks (LNBs) to be matrix switched to four
satellite receivers. The system can be easily expanded
to accept 16 satellite IF inputs using the cascade option
and one additional satellite IF switch IC. A configuration
of eight satellite IF inputs to eight satellite receivers is
also possible by using two ICs and adding eight input
splitters. The insertion loss of these splitters can be com-
pensated by a +6dB or +12dB input gain select.
There are two ways to control the switch function.
Each IC contains four DiSEqCK 2.0 decoders and four
alternate tone/voltage decoders. The decoders use an
integrated trimmed oscillator, simplifying the MAX12005
implementation into any system. There are four opera-
tional modes, which include LNB mode (for use within
the LNB), cascade master mode, cascade slave mode,
and single mode.
The satellite IF switch is designed on an advanced SiGe
process and is available in a lead-free 48-pin TQFN
surface-mount package (7mm x 7mm).
Applications
Direct Broadcast Satellite Receivers
Satellite IF Distribution
L-Band Distribution
Features
S
8-Input-to-4-Output Matrix Switch
S
Expandable to 16 Inputs with Cascade Master/
Slave Option
S
950MHz to 2150MHz Operation
S
Greater than 30dB Switch Isolation
S
0/+6/+12dB Input Stage Gain Selection to
Compensate for Splitter Insertion Loss
Gain Step for All Input Stages Is Commonly
Controlled Through an Analog Select Pin
S
Four Integrated DiSEqC 2.0 Decoders with
Integrated Oscillator
S
Alternate Tone/Voltage Detection
S
ESD Protected to 2kV HBM
DiSEqC is a trademark of EUTELSAT.
EVALUATION
KIT
AVAILABLE
PART
TEMP RANGE
PIN-PACKAGE
MAX12005ETM+
-40NC to +85NC
48 TQFN-EP*


Similar Part No. - MAX12005

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1200 MAXIM-MAX1200 Datasheet
204Kb / 16P
5v sINGLE-sUPPLY, 1mSPS, 16-bIT sELF-cALIBRATING adc
19-1413; Rev 0; 12/98
MAX1200 MAXIM-MAX1200 Datasheet
168Kb / 12P
Fully Assembled and Tested Surface-Mount Board
Rev 1; 11/98
MAX12000 MAXIM-MAX12000 Datasheet
304Kb / 9P
1575MHz GPS Front-End Amplifier
Rev 0; 3/06
MAX12000ETB MAXIM-MAX12000ETB Datasheet
304Kb / 9P
1575MHz GPS Front-End Amplifier
Rev 0; 3/06
MAX1200ACMH MAXIM-MAX1200ACMH Datasheet
204Kb / 16P
5v sINGLE-sUPPLY, 1mSPS, 16-bIT sELF-cALIBRATING adc
19-1413; Rev 0; 12/98
More results

Similar Description - MAX12005

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8011T PHILIPS-TDA8011T Datasheet
80Kb / 12P
IF amplifier for satellite TV receivers
February 1995
TDA8060TS PHILIPS-TDA8060TS Datasheet
539Kb / 16P
Satellite ZERO-IF QPSK down-converter
1999 Aug 30
logo
TEMEX
TMXW346 TEMEX-TMXW346 Datasheet
260Kb / 5P
SAW Bandpass Filter - Satellite Receiver - IF
logo
Faraday Technology
FB281 FARADAY-FB281 Datasheet
89Kb / 2P
SATELLITE IF CHANNEL FILTERS
logo
EPCOS
B1720 EPCOS-B1720 Datasheet
74Kb / 7P
SAW IF filter Satellite radio
B1726 EPCOS-B1726 Datasheet
61Kb / 7P
SAW IF filter Satellite radio
B1727 EPCOS-B1727 Datasheet
96Kb / 10P
SAW IF filter Satellite radio
B1728 EPCOS-B1728 Datasheet
85Kb / 10P
SAW IF filter Satellite radio
B1729 EPCOS-B1729 Datasheet
82Kb / 10P
SAW IF filter Satellite radio
B1730 EPCOS-B1730 Datasheet
90Kb / 10P
SAW IF filter Satellite radio
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com