Electronic Components Datasheet Search
  English  ▼

X  

MAX12005 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX12005
Description  Satellite IF Switch
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX12005 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX12005 Datasheet HTML 1Page - Maxim Integrated Products MAX12005 Datasheet HTML 2Page - Maxim Integrated Products MAX12005 Datasheet HTML 3Page - Maxim Integrated Products MAX12005 Datasheet HTML 4Page - Maxim Integrated Products MAX12005 Datasheet HTML 5Page - Maxim Integrated Products MAX12005 Datasheet HTML 6Page - Maxim Integrated Products MAX12005 Datasheet HTML 7Page - Maxim Integrated Products MAX12005 Datasheet HTML 8Page - Maxim Integrated Products MAX12005 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Satellite IF Switch
2
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
VCC to GND..........................................................-0.3V to +3.6V
RFIN1–RFIN8 to GND...........................................-0.3V to +1.5V
CASCADE_IN1–CASCADE_IN4 to GND..............-0.3V to +1.5V
RFOUT1–RFOUT4 to GND....................... -0.3V to (VCC + 0.3V)
DISEQC_TX1–DISEQC_TX4 to GND .........-0.3V to (VCC + 0.3V)
DISEQC_RX1–DISEQC_RX4 to GND ........-0.3V to (VCC + 0.3V)
GAIN_SELECT, MODE_SELECT
to GND...................................................-0.3V to (VCC + 0.3V)
Continuous Power Dissipation (TA = +70NC)
TQFN (derate 27.8 mW/NC above +70NC) ..................2.2W
Operating Ambient Temperature Range ........... -40NC to +85NC
Maximum Junction Temperature.....................................+150NC
Storage Temperature Range............................ -65NC to +150NC
Lead Temperature (soldering, 10s) ................................+300NC
Soldering Temperature (reflow) ......................................+260NC
DC ELECTRICAL CHARACTERISTICS
(VCC = +3.0V to +3.5V, TA = -40NC to +85NC, mode set to master, input gain stages set to highest gain, inputs matched to 75I,
output loads = 75I. Typical values are at +3.3V and at TA = +25NC, unless otherwise noted.) (Note 1)
ABSOLUTE MAXIMUM RATINGS
CAUTION! ESD SENSITIVE DEVICE
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Supply Voltage
VCC
3.0
3.5
V
Supply Current
ICC
VCC = 3.3V, 0dB, one input selected, four
outputs selected
150
250
mA
+12dB GAIN_SELECT Input High-
Level Voltage
VIH
VCC -
0.4V
V
+6dB GAIN_SELECT Input Voltage
Level and Range
VIN
1/2 VCC
Q
200mV
mV
0dB GAIN_SELECT Input Low-Level
Voltage
VIL
0.4
V
Single MODE_SELECT Input High-
Level Voltage
VIH
VCC -
0.4V
V
Master MODE_SELECT Input Voltage
Level and Range
VIN
2/3 VCC
Q
200mV
mV
Slave MODE_SELECT Input Voltage
Level and Range
VIN
1/3 VCC
Q
200mV
mV
LNB MODE_SELECT Input Low-Level
Voltage
VIL
0.4
V
GAIN_SELECT and MODE_SELECT
Input Current
IIN
VIN = VCC
10
F
A
DC Voltage Detect Input High Level
VIH
(Note 2)
1.23
V
DC Voltage Detect Input Low Level
VIL
(Note 2)
1.11
V
DISEQC_RX_ Input Current
IIN
VIN = high or low
1
F
A
DISEQC_TX_ Output High-Level
Voltage
VOH
ILOAD = -1mA
VCC -
0.4V
V
DISEQC_TX_ Output Low-Level
Voltage
VOL
ILOAD = +1mA
0.4
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com