Electronic Components Datasheet Search
  English  ▼

X  

MAX12005 Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MAX12005
Description  Satellite IF Switch
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX12005 Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAX12005 Datasheet HTML 6Page - Maxim Integrated Products MAX12005 Datasheet HTML 7Page - Maxim Integrated Products MAX12005 Datasheet HTML 8Page - Maxim Integrated Products MAX12005 Datasheet HTML 9Page - Maxim Integrated Products MAX12005 Datasheet HTML 10Page - Maxim Integrated Products MAX12005 Datasheet HTML 11Page - Maxim Integrated Products MAX12005 Datasheet HTML 12Page - Maxim Integrated Products MAX12005 Datasheet HTML 13Page - Maxim Integrated Products MAX12005 Datasheet HTML 14Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
Satellite IF Switch
13
Table 3. DiSEqC Slave Control Interface Registers (continued)
Package Information
For the latest package outline information and land patterns,
go to www.maxim-ic.com/packages. Note that a “+”, “#”, or
“-” in the package code indicates RoHS status only. Package
drawings may show a different suffix character, but the drawing
pertains to the package regardless of RoHS status.
Chip Information
PROCESS: BiCMOS
PACKAGE
TYPE
PACKAGE
CODE
OUTLINE
NO.
LAND
PATTERN NO.
48 TQFN
T4877+4
21-0144
90-0130
ADDRESS
BIT
ACC
NAME
FUNCTION
DEFAULT
Switch_reg
7
RW
option
0 = Positions A/B, 1 = Positions C/D
0
6
RW
satellite
0 = Satellite A(C), 1 = Satellite B(D)
0
5
RW
polarization
0 = Vertical, 1 = Horizontal
0
4
RW
band
0 = Low band, 1 = High band
0
3
RW
option_switchable
Options switch available
Depends on
cascade input
2
R
satellite_switchable
Satellite switch available
1
1
R
polarization_switchable
Polarization switch available
1
0
R
band_switchable
Band switch available
1
Low_LOF_reg_2
7:4
R
low_10GHz
Low LOF value, 10GHz digit
0000
3:0
R
low_1GHz
1GHz digit
1001
Low_LOF_reg_1
7:4
R
low_100MHz
100MHz digit
0111
3:0
R
low_10MHz
10MHz digit
0101
Low_LOF_reg_0
7:4
R
low_1MHz
1MHz digit
0000
3:0
R
low_table_entry
Table entry number
0010
High_LOF_reg_2
7:4
R
high_10GHz
High LOF value, 10GHz digit
0001
3:0
R
high_1GHz
1GHz digit
0000
High_LOF_reg_1
7:4
R
high_100MHz
100MHz digit
0110
3:0
R
high_10MHz
10MHz digit
0000
High_LOF_reg_0
7:4
R
high_1MHz
1MHz digit
0000
3:0
R
high_table_entry
Table entry number
0100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com