Electronic Components Datasheet Search
  English  ▼

X  

SIC413DB Datasheet(PDF) 5 Page - Vishay Siliconix

Part # SIC413DB
Description  microBUCK SiC413 4-A, 26-V Integrated Synchronous Buck Regulator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIC413DB Datasheet(HTML) 5 Page - Vishay Siliconix

  SIC413DB Datasheet HTML 1Page - Vishay Siliconix SIC413DB Datasheet HTML 2Page - Vishay Siliconix SIC413DB Datasheet HTML 3Page - Vishay Siliconix SIC413DB Datasheet HTML 4Page - Vishay Siliconix SIC413DB Datasheet HTML 5Page - Vishay Siliconix SIC413DB Datasheet HTML 6Page - Vishay Siliconix SIC413DB Datasheet HTML 7Page - Vishay Siliconix SIC413DB Datasheet HTML 8Page - Vishay Siliconix SIC413DB Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
Document Number: 69057
S09-2250-Rev. D, 26-Oct-09
www.vishay.com
5
Vishay Siliconix
SiC413
ELECTRICAL CHARACTERISTICS
Shut Down Current vs. Temperature
Internal Regulator Voltage vs. Temperature
Feedback Voltage vs. Temperature (Normalized)
0
2
4
6
8
10
12
14
16
- 25 - 10
5
20
35
50
65
80
95
110 125
Temperature (°C)
VIN = 12 V
- 25 - 10
5
20
35
50
65
80
95
110 125
Temperature (°C)
4.4
4.6
4.8
5.0
5.2
5.4
5.6
5.8
6.0
VIN =12V/24 V
VIN =4.75 V
- 25 - 10
5
20
35
50
65
80
95
110 125
Temperature (°C)
0.990
0.995
1.000
1.005
1.010
VIN = 12 V
Maximum Duty Cycle vs. Temperature
Frequency vs. Temperature
Peak Current Limit vs. Temperature (Normalized)
- 25 - 10
5
20
35
50
65
80
95
110 125
Temperature (°C)
70
71
72
73
74
75
76
77
VIN = 12 V
- 25 - 10
5
20
35
50
65
80
95
110 125
Temperature (°C)
470
480
490
500
510
520
530
VIN = 12 V
- 25 - 10
5
20
35
50
65
80
95
110 125
Temperature (°C)
0.6
0.7
0.8
0.9
1
1.1
1.2
1.3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com