Electronic Components Datasheet Search
  English  ▼

X  

SIC413DB Datasheet(PDF) 6 Page - Vishay Siliconix

Part # SIC413DB
Description  microBUCK SiC413 4-A, 26-V Integrated Synchronous Buck Regulator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIC413DB Datasheet(HTML) 6 Page - Vishay Siliconix

Back Button SIC413DB Datasheet HTML 2Page - Vishay Siliconix SIC413DB Datasheet HTML 3Page - Vishay Siliconix SIC413DB Datasheet HTML 4Page - Vishay Siliconix SIC413DB Datasheet HTML 5Page - Vishay Siliconix SIC413DB Datasheet HTML 6Page - Vishay Siliconix SIC413DB Datasheet HTML 7Page - Vishay Siliconix SIC413DB Datasheet HTML 8Page - Vishay Siliconix SIC413DB Datasheet HTML 9Page - Vishay Siliconix SIC413DB Datasheet HTML 10Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
www.vishay.com
6
Document Number: 69057
S09-2250-Rev. D, 26-Oct-09
Vishay Siliconix
SiC413
ELECTRICAL CHARACTERISTICS
Efficiency at VIN = 12 V
Load Regulation at VIN = 12 V, VO = 3.3 V
Load Current (A)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
60
65
70
75
80
85
90
95
VO = 5.0 V
VO = 3.3 V
VO = 1.8 V
Load Current (A)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
3.335
3.340
3.345
3.350
3.355
3.360
3.365
Set VO - 0.3 %
Actual VO
Set VO + 0.3 %
Efficiency at VIN = 5 V and VO = 1.8 V
Load Regulation at VIN = 12 V, VO = 5.0 V
Load Current (A)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
60
65
70
75
80
85
90
95
Load Current (A)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
5.030
5.035
5.040
5.045
5.050
5.055
5.060
5.065
5.070
Set VO - 0.3 %
Set VO + 0.3 %
Actual VO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com