Electronic Components Datasheet Search
  English  ▼

X  

SIC413DB Datasheet(PDF) 15 Page - Vishay Siliconix

Part # SIC413DB
Description  microBUCK SiC413 4-A, 26-V Integrated Synchronous Buck Regulator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIC413DB Datasheet(HTML) 15 Page - Vishay Siliconix

Back Button SIC413DB Datasheet HTML 10Page - Vishay Siliconix SIC413DB Datasheet HTML 11Page - Vishay Siliconix SIC413DB Datasheet HTML 12Page - Vishay Siliconix SIC413DB Datasheet HTML 13Page - Vishay Siliconix SIC413DB Datasheet HTML 14Page - Vishay Siliconix SIC413DB Datasheet HTML 15Page - Vishay Siliconix SIC413DB Datasheet HTML 16Page - Vishay Siliconix SIC413DB Datasheet HTML 17Page - Vishay Siliconix SIC413DB Datasheet HTML 18Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 15 / 18 page
background image
Vishay Siliconix
SiC413
Document Number: 69057
S09-2250-Rev. D, 26-Oct-09
www.vishay.com
15
SUGGESTED PCB LAYOUT
Figure 6. PCB Layout - Top Layer
Figure 7. PCB Layout - Bottom Layer
BILL OF MATERIALS FOR THE SUGGESTED PCB LAYOUT VIN = 12 V, VOUT = 3.3 V
Item
QTY
Reference
Part
Voltage
PCB Footprint
Part Number
Manufacturer
1
1
C1
100 µF
35 V
D6.3X11.2-D0.6X2.5
ECA-1VHG101I
Panasonic
2
3
C2, C3, C4
10 µF
25 V
SM/C_1210
TMK325B7106MN-T
Taiyo Yuden
3
3
C5, C8, C14
0.1 µF
50 V
SM/C_0603
VJ0603Y104KXACW1BC
Vishay
4
1
C6
0.01 µF
50 V
SM/C_0402
VJ0402Y103KXACW1BC
Vishay
5
1
C7
4.7 µF
10 V
SM/C_0805
LMK212B7475KG-T
Taiyo Yuden
6
1
C9
100 pF
50 V
SM/C_0603
VJ0603Y102KXACW1BC
Vishay
7
2
C10, C15
3.3 nF
50 V
SM/C_0603
VJ0603Y333KXACW1BC
Vishay
8
2
C16, C21
Not populated
50 V
SM/C_0603
Vishay
9
1
C17
100 µF
20 V
595D-D
595D107X9020D2T
Vishay
10
2
C18, C19
100 µF
20 V
595D-D
595D107X9020D2T
Vishay
11
1
C20
4.7 µF
16 V
SM/C_1206
C3216X7R1C106M
TDK
12
1
J1
VIN
Probe Hook
1540-2
Keystone
13
1
J2
VIN_GND
Probe Hook
1540-2
Keystone
14
1
J3
VO
Probe Hook
1540-2
Keystone
15
1
J4
VO_GND
Probe Hook
1540-2
Keystone
16
1
L1
10 µH
IHLP2525
IHLP2525EZER100M01
Vishay
17
1
R1
100K
50 V
SM/C_0603
CRCW0603100KFKEA
Vishay
18
1
R5
0R
50 V
SM/C_0603
CRCW06030000FKEA
Vishay
19
1
R6
6K65
50 V
SM/C_0603
CRCW06036K65FKEA
Vishay
20
1
R7
10K
50 V
SM/C_0603
CRCW060310K0FKEA
Vishay
21
1
R8
Not populated
50 V
SM/C_0603
Vishay
22
1
R9
2K21
50 V
SM/C_0603
CRCW06032K21FKEA
Vishay
23
1
R10
750K
50 V
SM/C_0603
CRCW0603750KFKEA
Vishay
24
1
R11
20K
50V
SM/C_0603
CRCW060320K0FKEA
Vishay
25
1
U1
SiC413
SO-8
SiC413
Vishay



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com