Electronic Components Datasheet Search
  English  ▼

X  

SIR402DP Datasheet(PDF) 1 Page - Vishay Siliconix

Part # SIR402DP
Description  N-Channel 30-V (D-S) MOSFET
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIR402DP Datasheet(HTML) 1 Page - Vishay Siliconix

  SIR402DP Datasheet HTML 1Page - Vishay Siliconix SIR402DP Datasheet HTML 2Page - Vishay Siliconix SIR402DP Datasheet HTML 3Page - Vishay Siliconix SIR402DP Datasheet HTML 4Page - Vishay Siliconix SIR402DP Datasheet HTML 5Page - Vishay Siliconix SIR402DP Datasheet HTML 6Page - Vishay Siliconix SIR402DP Datasheet HTML 7Page - Vishay Siliconix SIR402DP Datasheet HTML 8Page - Vishay Siliconix SIR402DP Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Vishay Siliconix
SiR402DP
Document Number: 68683
S09-1087-Rev. C, 15-Jun-09
www.vishay.com
1
N-Channel 30-V (D-S) MOSFET
FEATURES
•
Halogen-free According to IEC 61249-2-21
Definition
•
TrenchFET® Power MOSFET
•
100 % Rg Tested
•
100 % UIS Tested
• Compliant to RoHS Directive 2002/95/EC
APPLICATIONS
•
Synchronous Rectification
•
DC/DC Point-of-Load
•
Server
PRODUCT SUMMARY
VDS (V)
RDS(on) (Ω)
ID (A)
a
Qg (Typ.)
30
0.006 at VGS = 10 V
35
12 nC
0.008 at VGS = 4.5 V
35
1
2
3
4
5
6
7
8
S
S
S
G
D
D
D
D
6.15 mm
5.15 mm
PowerPAK SO-8
Bottom View
Ordering Information: SiR402DP-T1-GE3 (Lead (Pb)-free and Halogen-free)
N-Channel MOSFET
G
D
S
Notes:
a. Based on TC = 25 °C. Package limited.
b. Surface Mounted on 1" x 1" FR4 board.
c. t = 10 s.
d. See Solder Profile (
www.vishay.com/ppg?73257). The PowerPAK SO-8 is a leadless package. The end of the lead terminal is exposed
copper (not plated) as a result of the singulation process in manufacturing. A solder fillet at the exposed copper tip cannot be guaranteed
and is not required to ensure adequate bottom side solder interconnection.
e. Rework Conditions: manual soldering with a soldering iron is not recommended for leadless components.
f. Maximum under Steady State conditions is 70 °C/W.
ABSOLUTE MAXIMUM RATINGS TA = 25 °C, unless otherwise noted
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
30
V
Gate-Source Voltage
VGS
± 20
Continuous Drain Current (TJ = 150 °C)
TC = 25 °C
ID
35a
A
TC = 70 °C
35a
TA = 25 °C
20.7b, c
TA = 70 °C
16.6b, c
Pulsed Drain Current
IDM
70
Avalanche Current
L = 0.1 mH
IAS
35
Avalanche Energy
EAS
61
mJ
Continuous Source-Drain Diode Current
TC = 25 °C
IS
30
A
TA = 25 °C
3.5b, c
Maximum Power Dissipation
TC = 25 °C
PD
36
W
TC = 70 °C
23
TA = 25 °C
4.2b, c
TA = 70 °C
2.7b, c
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to 150
°C
Soldering Recommendations (Peak Temperature)d, e
260
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Typical
Maximum
Unit
Maximum Junction-to-Ambientb, f
t
≤ 10 s
RthJA
25
30
°C/W
Maximum Junction-to-Case (Drain)
Steady State
RthJC
2.9
3.5


Similar Part No. - SIR402DP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIR402DP VISHAY-SIR402DP Datasheet
125Kb / 7P
N-Channel 30-V (D-S) MOSFET
04-Aug-08
logo
Vishay Telefunken
SIR402DP TFUNK-SIR402DP Datasheet
326Kb / 13P
N-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SIR402DP VISHAY-SIR402DP Datasheet
327Kb / 13P
N-Channel 30-V (D-S) MOSFET
15-Jun-09
SIR402DP VISHAY-SIR402DP_V01 Datasheet
327Kb / 13P
N-Channel 30-V (D-S) MOSFET
15-Jun-09
More results

Similar Description - SIR402DP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI3456DV VISHAY-SI3456DV Datasheet
61Kb / 4P
N-Channel 30-V (D-S) MOSFET
23-Nov-98
SI1304BDL VISHAY-SI1304BDL_08 Datasheet
123Kb / 7P
N-Channel 30-V (D-S) MOSFET
03-Oct-05
SI1426DH VISHAY-SI1426DH_08 Datasheet
71Kb / 5P
N-Channel 30-V (D-S) MOSFET
18-Feb-02
SI2316BDS VISHAY-SI2316BDS Datasheet
107Kb / 6P
N-Channel 30-V (D-S) MOSFET
02-Jul-07
SI3424BDV VISHAY-SI3424BDV Datasheet
144Kb / 7P
N-Channel 30-V (D-S) MOSFET
24-Dec-07
SI3454CDV VISHAY-SI3454CDV Datasheet
144Kb / 7P
N-Channel 30-V (D-S) MOSFET
26-May-08
SI3456CDV VISHAY-SI3456CDV Datasheet
138Kb / 7P
N-Channel 30-V (D-S) MOSFET
04-Feb-08
SUM90N03-2M2P VISHAY-SUM90N03-2M2P Datasheet
136Kb / 6P
N-Channel 30-V (D-S) MOSFET
10-Sep-07
logo
Guangdong Kexin Industr...
KI2304DS KEXIN-KI2304DS Datasheet
49Kb / 2P
N-Channel 30-V (D-S) MOSFET
KI1304BDL KEXIN-KI1304BDL Datasheet
71Kb / 2P
N-Channel 30-V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com