Electronic Components Datasheet Search
  English  ▼

X  

SIR402DP Datasheet(PDF) 3 Page - Vishay Siliconix

Part # SIR402DP
Description  N-Channel 30-V (D-S) MOSFET
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIR402DP Datasheet(HTML) 3 Page - Vishay Siliconix

  SIR402DP Datasheet HTML 1Page - Vishay Siliconix SIR402DP Datasheet HTML 2Page - Vishay Siliconix SIR402DP Datasheet HTML 3Page - Vishay Siliconix SIR402DP Datasheet HTML 4Page - Vishay Siliconix SIR402DP Datasheet HTML 5Page - Vishay Siliconix SIR402DP Datasheet HTML 6Page - Vishay Siliconix SIR402DP Datasheet HTML 7Page - Vishay Siliconix SIR402DP Datasheet HTML 8Page - Vishay Siliconix SIR402DP Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Document Number: 68683
S09-1087-Rev. C, 15-Jun-09
www.vishay.com
3
Vishay Siliconix
SiR402DP
TYPICAL CHARACTERISTICS 25 °C, unless otherwise noted
Output Characteristics
On-Resistance vs. Drain Current and Gate Voltage
Gate Charge
0
10
20
30
40
50
60
70
0.0
0.5
1.0
1.5
2.0
2.5
3.0
VDS - Drain-to-Source Voltage (V)
VGS =10 V thru 4 V
VGS =2 V
VGS =3 V
0.002
0.004
0.006
0.008
0.010
0
1020
3040
5060
70
ID - Drain Current (A)
VGS =4.5 V
VGS =10 V
0
2
4
6
8
10
0
6
12
18
24
30
Qg - Total Gate Charge (nC)
VDS =15 V
VDS =24 V
ID =20A
Transfer Characteristics
Capacitance
On-Resistance vs. Junction Temperature
0
2
4
6
8
10
0.0
0.5
1.0
1.5
2.0
2.5
3.0
VGS - Gate-to-Source Voltage (V)
TC = 25 °C
TC = 125 °C
TC = - 55 °C
Crss
0
300
600
900
1200
1500
1800
2100
0
5
10
15
20
25
30
Ciss
VDS - Drain-to-Source Voltage (V)
Coss
0.6
0.8
1.0
1.2
1.4
1.6
1.8
- 50
- 25
0
25
50
75
100
125
150
TJ -Junction Temperature (°C)
ID =20A
VGS =10 V,4.5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com