Electronic Components Datasheet Search
  English  ▼

X  

SIR402DP Datasheet(PDF) 4 Page - Vishay Siliconix

Part # SIR402DP
Description  N-Channel 30-V (D-S) MOSFET
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIR402DP Datasheet(HTML) 4 Page - Vishay Siliconix

  SIR402DP Datasheet HTML 1Page - Vishay Siliconix SIR402DP Datasheet HTML 2Page - Vishay Siliconix SIR402DP Datasheet HTML 3Page - Vishay Siliconix SIR402DP Datasheet HTML 4Page - Vishay Siliconix SIR402DP Datasheet HTML 5Page - Vishay Siliconix SIR402DP Datasheet HTML 6Page - Vishay Siliconix SIR402DP Datasheet HTML 7Page - Vishay Siliconix SIR402DP Datasheet HTML 8Page - Vishay Siliconix SIR402DP Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
www.vishay.com
4
Document Number: 68683
S09-1087-Rev. C, 15-Jun-09
Vishay Siliconix
SiR402DP
TYPICAL CHARACTERISTICS 25 °C, unless otherwise noted
Source-Drain Diode Forward Voltage
Threshold Voltage
0.0
0.2
0.4
0.6
0.8
1.0
1.2
TJ = 150 °C
10
VSD -Source-to-Drain Voltage (V)
1
100
TJ = 25 °C
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
- 50
- 25
0
25
50
75
100
125
150
ID = 250 µA
TJ - Temperature (°C)
On-Resistance vs. Gate-to-Source Voltage
Single Pulse Power (Junction-to-Ambient)
0.000
0.003
0.006
0.009
0.012
0.015
02
4
6
8
10
VGS - Gate-to-Source Voltage (V)
TJ = 25 °C
TJ = 125 °C
ID =20A
0.001
0
1
50
20
30
10
600
0.1
Time (s)
10
40
100
0.01
Safe Operating Area, Junction-to-Ambient
VDS - Drain-to-Source Voltage (V)
* VGS > minimum VGS at which RDS(on) is specified
100
1
0.1
1
10
100
0.01
10
0.1
TA =25 °C
Single Pulse
1ms
10 ms
100 ms
1s
10 s
DC
Limited byRDS(on)*
BVDSS
Limited
100 µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com