Electronic Components Datasheet Search
  English  ▼

X  

CSD86330Q3D Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # CSD86330Q3D
Description  Synchronous Buck NexFET??Power Block
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CSD86330Q3D Datasheet(HTML) 1 Page - Texas Instruments

  CSD86330Q3D Datasheet HTML 1Page - Texas Instruments CSD86330Q3D Datasheet HTML 2Page - Texas Instruments CSD86330Q3D Datasheet HTML 3Page - Texas Instruments CSD86330Q3D Datasheet HTML 4Page - Texas Instruments CSD86330Q3D Datasheet HTML 5Page - Texas Instruments CSD86330Q3D Datasheet HTML 6Page - Texas Instruments CSD86330Q3D Datasheet HTML 7Page - Texas Instruments CSD86330Q3D Datasheet HTML 8Page - Texas Instruments CSD86330Q3D Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
P0116-01
1
2
3
V
SW
V
SW
V
SW
4
B
G
5
T
GR
6
T
G
P
GND
(Pin9)
7
V
IN
8
V
IN
G
1R
D
1
S
2
D /S
2
1
G
1
G
2
S0474-04
ENABLE
ENABLE
PWM
GND
BST
DRVH
LL
DRVL
CSD86330Q3D
Driver IC
V
DD
V
I
V
O
V
DD
Control
FET
Sync
FET
PWM
Output Current (A)
0
5
10
15
20
50
0
60
1
70
2
80
3
90
4
100
5
G029
VGS = 5V
VIN = 12V
VOUT = 1.3V
fSW = 500kHz
LOUT = 1H
TA = 25°C
Efficiency
Power Loss
CSD86330Q3D
www.ti.com
SLPS264C
– OCTOBER 2010 – REVISED OCTOBER 2011
Synchronous Buck NexFET
™ Power Block
1
FEATURES
DESCRIPTION
The CSD86330Q3D NexFET
™ power block is an
2
•
Half-Bridge Power Block
optimized design for synchronous buck applications
•
90% System Efficiency at 15A
offering high current, high efficiency, and high
•
Up To 20A Operation
frequency capability in a small 3.3-mm
× 3.3-mm
outline. Optimized for 5V gate drive applications, this
•
High Frequency Operation (Up To 1.5MHz)
product offers a flexible solution capable of offering a
•
High Density
– SON 3.3-mm × 3.3-mm
high density power supply when paired with any 5V
Footprint
gate drive from an external controller/driver.
•
Optimized for 5V Gate Drive
TEXT ADDED FOR SPACING
•
Low Switching Losses
Top View
•
Ultra Low Inductance Package
•
RoHS Compliant
•
Halogen Free
•
Pb-Free Terminal Plating
APPLICATIONS
•
Synchronous Buck Converters
– High Frequency Applications
TEXT ADDED FOR SPACING
ORDERING INFORMATION
– High Current, Low Duty Cycle Applications
Device
Package
Media
Qty
Ship
•
Multiphase Synchronous Buck Converters
SON
13-Inch
Tape and
•
POL DC-DC Converters
CSD86330Q3D
3.3-mm
× 3.3-mm
2500
Reel
Reel
Plastic Package
•
IMVP, VRM, and VRD Applications
TEXT ADDED FOR SPACING
TEXT ADDED FOR SPACING
TEXT ADDED FOR SPACING
TYPICAL POWER BLOCK EFFICIENCY
TYPICAL CIRCUIT
and POWER LOSS
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
NexFET is a trademark of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright
© 2010–2011, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - CSD86330Q3D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD86330Q3D TI-CSD86330Q3D Datasheet
1Mb / 16P
Synchronous Buck NexFET??Power Block
CSD86330Q3D TI2-CSD86330Q3D Datasheet
995Kb / 23P
CSD86330Q3D Synchronous Buck NexFET™ Power Block
REVISED MAY 2015
CSD86330Q3D TI2-CSD86330Q3D Datasheet
1Mb / 27P
CSD86330Q3D Synchronous Buck NexFET™ Power Block
REVISED MAY 2015
CSD86330Q3D.B TI2-CSD86330Q3D.B Datasheet
995Kb / 23P
CSD86330Q3D Synchronous Buck NexFET™ Power Block
REVISED MAY 2015
CSD86330Q3D.B TI2-CSD86330Q3D.B Datasheet
1Mb / 27P
CSD86330Q3D Synchronous Buck NexFET™ Power Block
REVISED MAY 2015
More results

Similar Description - CSD86330Q3D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD86350Q5D TI-CSD86350Q5D Datasheet
923Kb / 15P
Synchronous Buck NexFET??Power Block
CSD87352Q5D TI1-CSD87352Q5D Datasheet
746Kb / 18P
Synchronous Buck NexFET Power Block
JUNE2011
CSD86350Q5D TI-CSD86350Q5D_11 Datasheet
1Mb / 21P
Synchronous Buck NexFET??Power Block
CSD87330Q3D TI-CSD87330Q3D Datasheet
776Kb / 21P
Synchronous Buck NexFET??Power Block
CSD87352Q5D_1111 TI-CSD87352Q5D_1111 Datasheet
1Mb / 21P
Synchronous Buck NexFET??Power Block
CSD87353Q5D TI-CSD87353Q5D Datasheet
777Kb / 21P
Synchronous Buck NexFET??Power Block
CSD87331Q3D TI1-CSD87331Q3D Datasheet
872Kb / 21P
Synchronous Buck NexFET??Power Block
CSD87351Q5D TI-CSD87351Q5D_15 Datasheet
1Mb / 22P
Synchronous Buck NexFET??Power Block
CSD87351ZQ5D TI-CSD87351ZQ5D_15 Datasheet
1Mb / 22P
Synchronous Buck NexFET??Power Block
CSD87355Q5D TI1-CSD87355Q5D Datasheet
559Kb / 23P
Synchronous Buck NexFET Power Block
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com