Electronic Components Datasheet Search
  English  ▼

X  

CSD86330Q3D Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # CSD86330Q3D
Description  Synchronous Buck NexFET??Power Block
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CSD86330Q3D Datasheet(HTML) 10 Page - Texas Instruments

Back Button CSD86330Q3D Datasheet HTML 6Page - Texas Instruments CSD86330Q3D Datasheet HTML 7Page - Texas Instruments CSD86330Q3D Datasheet HTML 8Page - Texas Instruments CSD86330Q3D Datasheet HTML 9Page - Texas Instruments CSD86330Q3D Datasheet HTML 10Page - Texas Instruments CSD86330Q3D Datasheet HTML 11Page - Texas Instruments CSD86330Q3D Datasheet HTML 12Page - Texas Instruments CSD86330Q3D Datasheet HTML 13Page - Texas Instruments CSD86330Q3D Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
78
80
82
84
86
88
90
92
94
96
2
4
6
8
10
12
14
16
18
20
22
Output Current (A)
PowerBlock HS/LS RDS(ON) = 8.8mΩ/4.6mΩ
Discrete HS/LS RDS(ON) = 8.8mΩ/4.6mΩ
Discrete HS/LS RDS(ON) = 8.8mΩ/3.3mΩ
VGS = 5V
VIN = 12V
VOUT = 1.3V
LOUT = 1µH
fSW = 500kHz
TA = 25ºC
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
0
2
4
6
8
10
12
14
16
18
20
22
Output Current (A)
PowerBlock HS/LS RDS(ON) = 8.8mΩ/4.6mΩ
Discrete HS/LS RDS(ON) = 8.8mΩ/4.6mΩ
Discrete HS/LS RDS(ON) = 8.8mΩ/3.3mΩ
VGS = 5V
VIN = 12V
VOUT = 1.3V
LOUT = 1µH
fSW = 500kHz
TA = 25ºC
CSD86330Q3D
SLPS264C
– OCTOBER 2010 – REVISED OCTOBER 2011
www.ti.com
The combination of TI
’s latest generation silicon and optimized packaging technology has created a
benchmarking solution that outperforms industry standard MOSFET chipsets of similar RDS(ON) and MOSFET
chipsets with lower RDS(ON). and compare the efficiency and power loss performance of the CSD86330Q3D
versus industry standard MOSFET chipsets commonly used in this type of application. This comparison purely
focuses on the efficiency and generated loss of the power semiconductors only. The performance of
CSD86330Q3D clearly highlights the importance of considering the Effective AC On-Impedance (ZDS(ON)) during
the MOSFET selection process of any new design. Simply normalizing to traditional MOSFET RDS(ON)
specifications is not an indicator of the actual in-circuit performance when using TI
’s Power Block technology.
TEXT ADDED FOR SPACING
Figure 30.
Figure 31.
The chart below compares the traditional DC measured RDS(ON) of CSD86330Q3D versus its ZDS(ON). This
comparison takes into account the improved efficiency associated with TI
’s patented packaging technology. As
such, when comparing TI
’s Power Block products to individually packaged discrete MOSFETs or dual MOSFETs
in a standard package, the in-circuit switching performance of the solution must be considered. In this example,
individually packaged discrete MOSFETs or dual MOSFETs in a standard package would need to have DC
measured RDS(ON) values that are equivalent to CSD86330Q3D’s ZDS(ON) value in order to have the same
efficiency performance at full load. Mid to light-load efficiency will still be lower with individually packaged discrete
MOSFETs or dual MOSFETs in a standard package.
Comparison of RDS(ON) vs. ZDS(ON)
HS
LS
Parameter
Typ
Max
Typ
Max
Effective AC On-Impedance ZDS(ON) (VGS = 5V)
8.8
-
3.3
-
DC Measured RDS(ON) (VGS = 4.5V)
8.8
11.5
4.6
6
10
Submit Documentation Feedback
Copyright
© 2010–2011, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com