Electronic Components Datasheet Search
  English  ▼

X  

CSD86330Q3D Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # CSD86330Q3D
Description  Synchronous Buck NexFET??Power Block
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CSD86330Q3D Datasheet(HTML) 3 Page - Texas Instruments

  CSD86330Q3D Datasheet HTML 1Page - Texas Instruments CSD86330Q3D Datasheet HTML 2Page - Texas Instruments CSD86330Q3D Datasheet HTML 3Page - Texas Instruments CSD86330Q3D Datasheet HTML 4Page - Texas Instruments CSD86330Q3D Datasheet HTML 5Page - Texas Instruments CSD86330Q3D Datasheet HTML 6Page - Texas Instruments CSD86330Q3D Datasheet HTML 7Page - Texas Instruments CSD86330Q3D Datasheet HTML 8Page - Texas Instruments CSD86330Q3D Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
HD
HG
LG
LD
M0205-01
LS
HS
HD
HG
LG
LD
M0206-01
LS
HS
CSD86330Q3D
www.ti.com
SLPS264C
– OCTOBER 2010 – REVISED OCTOBER 2011
ELECTRICAL CHARACTERISTICS
TA = 25°C (unless otherwise stated)
Q1 Control FET
Q2 Sync FET
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
Static Characteristics
BVDSS
Drain to Source Voltage
VGS = 0V, IDS = 250µA
25
25
V
Drain to Source Leakage
IDSS
VGS = 0V, VDS = 20V
1
1
µA
Current
Gate to Source Leakage
IGSS
VDS = 0V, VGS = +10 / –8
100
100
nA
Current
Gate to Source Threshold
VGS(th)
VDS = VGS, IDS = 250µA
0.9
1.4
2.1
0.9
1.1
1.6
V
Voltage
VIN = 12V, VGS = 5V,
VOUT = 1.3V, IOUT = 15A,
ZDS(on)
Effective AC On-Impedance
8.8
3.3
m
Ω
fSW = 500kHz,
LOUT = 1µH
gfs
Transconductance
VDS = 15V, IDS = 14A
52
82
S
Dynamic Characteristics
CISS
Input Capacitance(1)
710
920
1280
1660
pF
COSS
Output Capacitance(1)
VGS = 0V, VDS = 12.5V,
350
455
680
880
pF
f = 1MHz
Reverse Transfer
CRSS
18
23
38
49
pF
Capacitance(1)
RG
Series Gate Resistance(1)
1.5
3.0
1.2
2.4
Ω
Qg
Gate Charge Total (4.5V)(1)
4.8
6.2
9.2
12
nC
Qgd
Gate Charge - Gate to Drain
0.9
1.6
nC
VDS = 12.5V,
Gate Charge - Gate to
IDS = 14A
Qgs
1.6
2.1
nC
Source
Qg(th)
Gate Charge at Vth
0.9
1.2
nC
QOSS
Output Charge
VDS = 15.5V, VGS = 0V
7.2
13.6
nC
td(on)
Turn On Delay Time
4.9
5.3
ns
tr
Rise Time
7.5
6.3
ns
VDS = 12.5V, VGS = 4.5V,
IDS = 14A, RG = 2Ω
td(off)
Turn Off Delay Time
8.5
15.8
ns
tf
Fall Time
1.9
4.2
ns
Diode Characteristics
VSD
Diode Forward Voltage
IDS = 14A, VGS = 0V
0.85
1
0.8
1
V
Qrr
Reverse Recovery Charge
3.9
7.3
nC
Vdd = 15.5V, IF = 14A,
di/dt = 300A/
µs
trr
Reverse Recovery Time
13.9
19
ns
(1)
Specified by design
Max RθJA = 76°C/W
Max RθJA = 140°C/W
when mounted on
when mounted on
1 inch2 (6.45 cm2) of
minimum pad area of
2-oz. (0.071-mm thick)
2-oz. (0.071-mm thick)
Cu.
Cu.
Copyright
© 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com