Electronic Components Datasheet Search
  English  ▼

X  

INA149 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # INA149
Description  High Common-Mode Voltage Difference Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA149 Datasheet(HTML) 6 Page - Texas Instruments

Back Button INA149 Datasheet HTML 2Page - Texas Instruments INA149 Datasheet HTML 3Page - Texas Instruments INA149 Datasheet HTML 4Page - Texas Instruments INA149 Datasheet HTML 5Page - Texas Instruments INA149 Datasheet HTML 6Page - Texas Instruments INA149 Datasheet HTML 7Page - Texas Instruments INA149 Datasheet HTML 8Page - Texas Instruments INA149 Datasheet HTML 9Page - Texas Instruments INA149 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
0
20
40
60
80
100
120
10
100
1k
10k
100k
1M
10M
Frequency (Hz)
−40°C
+25°C
+125°C
G001
−6
−4
−2
0
2
4
6
−400
−300
−200
−100
0
100
200
300
400
Common−Mode Input Voltage (V)
VS = ±18 V
VS = ±15 V
VS = ±10 V
VS = ±5 V
G066
0
50
100
150
200
250
300
350
400
0
2
4
6
8
10
12
14
16
18
20
Power−Supply Voltage (±V)
G002
−20
−16
−12
−8
−4
0
4
8
12
16
20
Output Voltage (V)
VS = ±18 V
VS = ±15 V
VS = ±12 V
VS = ±10 V
G003
−20
−16
−12
−8
−4
0
4
8
12
16
20
Output Voltage (V)
VS = ±18 V
VS = ±15 V
VS = ±12 V
VS = ±10 V
G004
−20
−16
−12
−8
−4
0
4
8
12
16
20
Output Voltage (V)
VS = ±18 V
VS = ±15 V
VS = ±12 V
VS = ±10 V
G005
INA149
SBOS579A
– SEPTEMBER 2011 – REVISED NOVEMBER 2011
www.ti.com
TYPICAL CHARACTERISTICS
At TA = +25°C, RL = 2 kΩ connected to ground, and VS = ±15 V, unless otherwise noted.
CMRR vs FREQUENCY
COMMON-MODE REJECTION
Figure 1.
Figure 2.
COMMON-MODE OPERATING RANGE
TYPICAL GAIN ERROR FOR RL = 10 kΩ
vs POWER-SUPPLY VOLTAGE
(Curves Offset for Clarity)
Figure 3.
Figure 4.
TYPICAL GAIN ERROR FOR RL = 2 kΩ
TYPICAL GAIN ERROR FOR RL = 1 kΩ
(Curves Offset for Clarity)
(Curves Offset for Clarity)
Figure 5.
Figure 6.
6
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated
Product Folder Link(s): INA149



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com