Electronic Components Datasheet Search
  English  ▼

X  

INA149 Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # INA149
Description  High Common-Mode Voltage Difference Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA149 Datasheet(HTML) 15 Page - Texas Instruments

Back Button INA149 Datasheet HTML 11Page - Texas Instruments INA149 Datasheet HTML 12Page - Texas Instruments INA149 Datasheet HTML 13Page - Texas Instruments INA149 Datasheet HTML 14Page - Texas Instruments INA149 Datasheet HTML 15Page - Texas Instruments INA149 Datasheet HTML 16Page - Texas Instruments INA149 Datasheet HTML 17Page - Texas Instruments INA149 Datasheet HTML 18Page - Texas Instruments INA149 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
+
20 k
380 k
380 k
380 k
19 k
V−
V+
4
7
2
3
1
6
5
VO = RS × IDUT+
RS
Device
Under
Test
IDUT+
(+275 V max)
+VS
+
20 k
380 k
380 k
380 k
19 k
V−
V+
4
7
2
3
1
6
5
RS
RC
(1)
IDUT−
−VS
(−275 V max)
VO = RS × IDUT−
RC
(1)
INA149
www.ti.com
SBOS579A
– SEPTEMBER 2011 – REVISED NOVEMBER 2011
MEASURING CURRENT
The INA149 can be used to measure a current by sensing the voltage drop across a series resistor, RS.
Figure 46 shows the INA149 used to measure the supply currents of a device under test.
The sense resistor imbalances the input resistor matching of the INA149, thus degrading its CMR. Also, the input
impedance of the INA149 loads RS, causing gain error in the voltage-to-current conversion. Both of these errors
can be easily corrected.
The CMR error can be corrected with the addition of a compensation resistor (RC), equal to the value of RS, as
shown in Figure 46. If RS is less than 5 Ω, degradation in the CMR is negligible and RC can be omitted. If RS is
larger than approximately 1 k
Ω, trimming RC may be required to achive greater than 90-dB CMR. This error is
caused by the INA149 input impedance mismatch.
Figure 46. Measuring Supply Currents of a Device Under Test
If RS is more than approximately 50 Ω, the gain error is greater than the 0.02% specification of the INA149. This
gain error can be corrected by slightly increasing the value of RS. The corrected value (RS') can be calculated by
RS' = RS × 380 kΩ/(380 kΩ – RS)
(3)
Example: For a 1-V/mA transfer function, the nominal, uncorrected value for RS would be 1 kΩ. A slightly larger
value (RS' = 1002.6 Ω), compensates for the gain error as a result of loading.
The 380-k
Ω term in the equation for RS' has a tolerance of 25%, thus sense resistors above approximately 400 Ω
may require trimming to achive gain accuracy better than 0.02%.
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
15
Product Folder Link(s): INA149



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com