Electronic Components Datasheet Search
  English  ▼

X  

INA149 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # INA149
Description  High Common-Mode Voltage Difference Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA149 Datasheet(HTML) 10 Page - Texas Instruments

Back Button INA149 Datasheet HTML 6Page - Texas Instruments INA149 Datasheet HTML 7Page - Texas Instruments INA149 Datasheet HTML 8Page - Texas Instruments INA149 Datasheet HTML 9Page - Texas Instruments INA149 Datasheet HTML 10Page - Texas Instruments INA149 Datasheet HTML 11Page - Texas Instruments INA149 Datasheet HTML 12Page - Texas Instruments INA149 Datasheet HTML 13Page - Texas Instruments INA149 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
0
2
4
6
8
10
12
Offset Voltage (
µV)
G022
0
2
4
6
8
10
12
14
16
18
20
Differential Gain Error (m%)
G024
0
5
10
15
20
25
30
35
PSRR (
µV/V)
G025
0
5
10
15
20
25
30
35
Nonlinearity Error (m%)
G026
−2000
−1600
−1200
−800
−400
0
400
800
1200
1600
2000
−75
−50
−25
0
25
50
75
100
125
150
175
Temperature (°C)
G027
−50
−40
−30
−20
−10
0
10
20
30
40
50
−75
−50
−25
0
25
50
75
100
125
150
175
Temperature (°C)
G028
INA149
SBOS579A
– SEPTEMBER 2011 – REVISED NOVEMBER 2011
www.ti.com
TYPICAL CHARACTERISTICS (continued)
At TA = +25°C, RL = 2 kΩ connected to ground, and VS = ±15 V, unless otherwise noted.
OFFSET VOLTAGE HISTOGRAM
DIFFERENTIAL GAIN ERROR HISTOGRAM
Figure 25.
Figure 26.
PSRR HISTOGRAM
GAIN NONLINEARITY HISTOGRAM
Figure 27.
Figure 28.
OFFSET VOLTAGE vs TEMPERATURE
CMRR vs TEMPERATURE
Figure 29.
Figure 30.
10
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated
Product Folder Link(s): INA149



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com