Electronic Components Datasheet Search
  English  ▼

X  

ISO7420FCC Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # ISO7420FCC
Description  Low-Power Dual Channel Digital Isolators
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISO7420FCC Datasheet(HTML) 6 Page - Texas Instruments

Back Button ISO7420FCC Datasheet HTML 2Page - Texas Instruments ISO7420FCC Datasheet HTML 3Page - Texas Instruments ISO7420FCC Datasheet HTML 4Page - Texas Instruments ISO7420FCC Datasheet HTML 5Page - Texas Instruments ISO7420FCC Datasheet HTML 6Page - Texas Instruments ISO7420FCC Datasheet HTML 7Page - Texas Instruments ISO7420FCC Datasheet HTML 8Page - Texas Instruments ISO7420FCC Datasheet HTML 9Page - Texas Instruments ISO7420FCC Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
ISO7420E, ISO7420FE, ISO7420FCC
ISO7421E, ISO7421FE, ISO7421FCC
SLLSE45D
– DECEMBER 2010 – REVISED DECEMBER 2011
www.ti.com
ELECTRICAL CHARACTERISTICS
VCC1 = 3.3V ± 10%, VCC2 = 5V ± 10%, TA = -40°C to 125°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ISO7421x (3.3V side)
VCC1 – 0.4
3
IOH = –4 mA; see
Figure 1.
ISO7420x/7421x (5V side)
VCC2 – 0.8
4.6
VOH
High-level output voltage
V
ISO7421x (3.3V side)
VCC1 – 0.1
3.3
IOH = –20 μA;
see Figure 1
ISO7420x/7421x (5V side)
VCC2 – 0.1
5
IOL = 4 mA; see Figure 1.
0.2
0.4
VOL
Low-level output voltage
V
IOL = 20 μA; see Figure 1.
0
0.1
VI(HYS)
Input threshold voltage hysteresis
400
mV
IIH
High-level input current
10
μA
INx at 0 V or VCC
IIL
Low-level input current
–10
μA
CMTI
Common-mode transient immunity
VI = VCC or 0 V; see Figure 3.
25
50
kV/
μs
SUPPLY CURRENT (All inputs switching with square wave clock signal for dynamic ICC measurement)
ISO7420x
ICC1
0.2
0.4
DC Input: VI = VCC or 0 V,
DC to 1 Mbps
AC Input: CL = 15pF
ICC2
3.4
5
ICC1
0.4
0.6
10 Mbps
ICC2
4.5
6
Supply current for VCC1 and VCC2
mA
ICC1
0.6
0.9
25 Mbps
CL = 15pF
ICC2
6.2
8
ICC1
1
1.3
50 Mbps
ICC2
9
12
ISO7421x
ICC1
1.8
2.8
DC Input: VI = VCC or 0 V,
DC to 1 Mbps
AC Input: CL = 15pF
ICC2
2.3
3.6
ICC1
2.2
3.2
10 Mbps
ICC2
2.9
4.5
Supply current for VCC2 and VCC2
mA
ICC1
2.8
4.1
25 Mbps
CL = 15pF
ICC2
4.3
6
ICC1
3.8
5.5
50 Mbps
ICC2
6
8.5
SWITCHING CHARACTERISTICS
VCC1 = 3.3V ± 10%, VCC2 = 5V ± 10%, TA = -40°C to 125°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ISO7420x
7.5
12
E-grade
tPLH, tPHL
Propagation delay time
ISO7421x
7.5
14
ns
CC-grade
See Figure 1.
18.5
32
ISO7420x
0.7
3
PWD(1)
Pulse width distortion |tPHL – tPLH|
ns
ISO7421x
0.7
3.6
ISO7420x
0.5
1.5
tsk(o)
(2)
Channel-to-channel output skew time
ns
ISO7421x
0.5
3
ISO7420x
4.6
tsk(pp)
(3)
Part-to-part skew time
ns
ISO7421x
8.5
tr
Output signal rise time
1.7
ns
See Figure 1.
tf
Output signal fall time
1.6
ns
tfs
Fail-safe output delay time from input power loss
See Figure 2.
6
μs
(1)
Also known as pulse skew.
(2)
tsk(o) is the skew between outputs of a single device with all driving inputs connected together and the outputs switching in the same
direction while driving identical loads.
(3)
tsk(pp) is the magnitude of the difference in propagation delay times between any terminals of different devices switching in the same
direction while operating at identical supply voltages, temperature, input signals and loads.
6
Submit Documentation Feedback
Copyright
© 2010–2011, Texas Instruments Incorporated
Product Folder Link(s): ISO7420E ISO7420FE ISO7420FCC ISO7421E ISO7421FE ISO7421FCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com