Electronic Components Datasheet Search
  English  ▼

X  

ISO7420FCC Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # ISO7420FCC
Description  Low-Power Dual Channel Digital Isolators
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISO7420FCC Datasheet(HTML) 18 Page - Texas Instruments

Back Button ISO7420FCC Datasheet HTML 14Page - Texas Instruments ISO7420FCC Datasheet HTML 15Page - Texas Instruments ISO7420FCC Datasheet HTML 16Page - Texas Instruments ISO7420FCC Datasheet HTML 17Page - Texas Instruments ISO7420FCC Datasheet HTML 18Page - Texas Instruments ISO7420FCC Datasheet HTML 19Page - Texas Instruments ISO7420FCC Datasheet HTML 20Page - Texas Instruments ISO7420FCC Datasheet HTML 21Page - Texas Instruments ISO7420FCC Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 25 page
background image
ISO7420E, ISO7420FE, ISO7420FCC
ISO7421E, ISO7421FE, ISO7421FCC
SLLSE45D
– DECEMBER 2010 – REVISED DECEMBER 2011
www.ti.com
REVISION HISTORY
Changes from Original (December 2010) to Revision A
Page
•
Changed the Max values for Supply current for VCC1 and VCC2, CL = 15pF ......................................................................... 7
Changes from Revision A (December 2010) to Revision B
Page
•
Changed Feature bullet From: ISO7421: TBDmA at 1Mbps, TBDmA at 25Mbps To: ISO7421: 1.8mA at 1Mbps,
2.8mA at 25Mbps .................................................................................................................................................................. 1
•
Updated the ISO7421x Supply Current values for VCC1 and VCC2 = 5V ............................................................................... 4
•
Updated the ISO7421x Supply Current values for VCC1 = 5V and VCC2 = 3.3V ................................................................... 5
•
Updated the ISO7421x Supply Current values for VCC1 = 3.3V and VCC2 = 5V ................................................................... 6
•
Updated the ISO7421x Supply Current values for VCC1 and VCC2 = 3.3V ............................................................................ 7
Changes from Revision B (January 2011) to Revision C
Page
•
Added devices ISO7420FCC and ISO7421FCC .................................................................................................................. 1
•
Changed Feature bullet To: Low Propagation Delay: 7 ns Typical (E-Grade) ..................................................................... 1
•
Changed Feature bullet To: Low Pulse Skew: 200 Typical (E-Grade) ................................................................................. 1
•
Changed the SAFETY and REGULATORY APPROVALS list ............................................................................................. 1
•
Changed the data sheet DESCRIPTION .............................................................................................................................. 1
•
Changed PU to X in the last row of the FUNCTION TABLE ................................................................................................ 2
•
Changed the Available Options Table .................................................................................................................................. 2
•
Changed the Supply Current values for ISO7421x at 10, 25, and 50 Mbps ........................................................................ 4
•
Added CC-grade and valued to tPLH, tPHL in the Switching Characteristics table ................................................................. 4
•
Added ISO7421x values for Pulse width distortion, Channel-to-channel output skew time, and Part-to-part skew time .... 4
•
Changed the Supply Current values for ISO7421x at 10, 25, and 50 Mbps ........................................................................ 5
•
Added CC-grade and valued to tPLH, tPHL in the Switching Characteristics table ................................................................. 5
•
Added ISO7421x values for Pulse width distortion and Channel-to-channel output skew time ........................................... 5
•
Changed the Supply Current values for ISO7421x at 10, 25, and 50 Mbps ........................................................................ 6
•
Added CC-grade and valued to tPLH, tPHL in the Switching Characteristics table ................................................................. 6
•
Changed the Supply Current values for ISO7421x 25 and 50 Mbps ................................................................................... 7
•
Added CC-grade and valued to tPLH, tPHL in the Switching Characteristics table ................................................................. 7
•
Changed Note 1 Figure 1 ..................................................................................................................................................... 8
•
Changed Figure 2 ................................................................................................................................................................. 8
•
Changed Isolation resistance test conditions ....................................................................................................................... 9
•
Changed the values of VIORM and VPR in the INSULATION CHARACTERISTICS table ...................................................... 9
•
Changed the value of VIOTM in the INSULATION CHARACTERISTICS table From: 4000 To: 4242 ................................... 9
•
Changed Figure 5 ............................................................................................................................................................... 11
•
Added section: SUPPLY CURRENT EQUATIONS ............................................................................................................ 12
•
Added graphs Figure 12, Figure 13, Figure 14, and Figure 15 .......................................................................................... 15
•
Added graphs Figure 21 and Figure 22 .............................................................................................................................. 17
18
Submit Documentation Feedback
Copyright
© 2010–2011, Texas Instruments Incorporated
Product Folder Link(s): ISO7420E ISO7420FE ISO7420FCC ISO7421E ISO7421FE ISO7421FCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com