Electronic Components Datasheet Search
  English  ▼

X  

ISO7420FCC Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # ISO7420FCC
Description  Low-Power Dual Channel Digital Isolators
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISO7420FCC Datasheet(HTML) 10 Page - Texas Instruments

Back Button ISO7420FCC Datasheet HTML 6Page - Texas Instruments ISO7420FCC Datasheet HTML 7Page - Texas Instruments ISO7420FCC Datasheet HTML 8Page - Texas Instruments ISO7420FCC Datasheet HTML 9Page - Texas Instruments ISO7420FCC Datasheet HTML 10Page - Texas Instruments ISO7420FCC Datasheet HTML 11Page - Texas Instruments ISO7420FCC Datasheet HTML 12Page - Texas Instruments ISO7420FCC Datasheet HTML 13Page - Texas Instruments ISO7420FCC Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
10
100
0
250
500
750
1000
V
– Working Voltage – V
IORM
PK
880
120
V
at 566 V
IORM
28 Years
G001
ISO7420E, ISO7420FE, ISO7420FCC
ISO7421E, ISO7421FE, ISO7421FCC
SLLSE45D
– DECEMBER 2010 – REVISED DECEMBER 2011
www.ti.com
Table 2. IEC 60664-1 RATINGS TABLE
PARAMETER
TEST CONDITIONS
SPECIFICATION
Basic isolation group
Material group
II
Rated mains voltage
≤ 150 VRMS
I
–IV
Installation classification
Rated mains voltage
≤ 300 VRMS
I
–III
Rated mains voltage
≤ 400 VRMS
I
–II
REGULATORY INFORMATION
VDE
CSA
UL
Certified according to DIN EN 60747-5-2
Approved under CSA Component Acceptance Notice
Recognized under UL 1577
(VDE 0884 Part 2)
#5A
Component Recognition Program
Basic Insulation
Maximum Transient Overvoltage, 4242 VPK
Basic insulation per CSA 60950-1-07 and IEC 60950-1 Single / Basic Isolation Voltage,
Maximum Surge Voltage, 4000 VPK
(2nd Ed), 390 VRMS maximum working voltage
2500 VRMS
(1)
Maximum Working Voltage, 566 VPK
File number: 40016131
File number: 220991
File number: E181974
(1)
Production tested
≥ 3000 VRMS for 1 second in accordance with UL 1577.
LIFE EXPECTANCY vs WORKING VOLTAGE
Figure 4. Life Expectancy vs Working Voltage
10
Submit Documentation Feedback
Copyright
© 2010–2011, Texas Instruments Incorporated
Product Folder Link(s): ISO7420E ISO7420FE ISO7420FCC ISO7421E ISO7421FE ISO7421FCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com